Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMS132AW Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
6
RMS132AW
WB
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type and is
selected via bit M3. The ordering of accesses within a burst is determined by the burst length, the burst type and the starting column
address, as shown in Table 4.
Table 4: Burst Definition
Burst Read and Single Write
1
Burst Read and Burst Write
0
Write Burst Mode
M9
Interleave
1
Sequential
0
Burst Type
M3
Reserved
0
0
1
Reserved
1
0
1
2
0
1
0
-
1
0
0
3
1
1
0
Reserved
0
1
1
Reserved
1
1
1
Reserved
0
0
0
CAS Latency
M4
M5
M6
Full Page
Reserved
Reserved
Reserved
8
4
2
1
M3 = 0
Burst Length
Reserved
0
0
1
Reserved
1
0
1
4
0
1
0
2
1
0
0
8
1
1
0
Reserved
0
1
1
Reserved
1
1
1
1
0
0
0
M3 = 1
M0
M1
M2
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
0
0
A0
A1
A2
7-6-5-4-3-2-1-0
7-0-1-2-3-4-5-6
1
8
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
1-0-3-2-5-4-7-6
1-2-3-4-5-6-7-0
0
2-3-0-1-6-7-4-5
2-3-4-5-6-7-0-1
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
5-4-7-6-1-0-3-2
5-6-7-0-1-2-3-4
1
1-0-3-2
1-2-3-0
2-3-0-1
2-3-0-1
3-2-1-0
3-0-1-2
3-2-1-0-7-6-5-4
3-4-5-6-7-0-1-2
0
4
0-1-2-3
0-1-2-3
0-1
0-1
2
1-0
1-0
6-7-4-5-2-3-0-1
6-7-0-1-2-3-4-5
1
Not Supported
C
n, Cn+1. Cn+2,
C
n+3, Cn+4…
…C
n-1, Cn...
n=A0-7
(Location 0-256)
Full
Page
Interleaved
Sequential
Order of Access Within a Burst
Starting Column
Address
Burst
Length
Note :
1. For full-page accesses: y = 256
2. For a burst length of two, A1-A7 select the block-
of-two burst; A0 selects the starting column within the
block.
3. For a burst length of four, A2-A7 select the block-
of-four burst; A0-A1 select the starting column within
the block.
4. For a burst length of eight, A3-A7 select the
block-of-eight burst; A0-A2 select the starting column
within the block.
5. For a full-page burst, the full row is selected and A0-A7
select the starting column.
6. Whenever a boundary of the block is reached within a
given sequence above, the following access wraps
within the block.
7. For a burst length of one, A0-A7 select the unique
column to be accessed, and mode register bit M3 is
ignored.
0
CAS Latency
BT
Burst Length
Address Bus
0
1
2
3
4
5
6
10
987
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
BA
Mode Register (Mx)
00
0
Figure4: Mode Register Definition
Note: M11(BA) must be set to “0” to select Mode Register (vs. the Extended Mode Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com