Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5705PAP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAP Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5705PAP Datasheet HTML 33Page - Texas Instruments TAS5705PAP Datasheet HTML 34Page - Texas Instruments TAS5705PAP Datasheet HTML 35Page - Texas Instruments TAS5705PAP Datasheet HTML 36Page - Texas Instruments TAS5705PAP Datasheet HTML 37Page - Texas Instruments TAS5705PAP Datasheet HTML 38Page - Texas Instruments TAS5705PAP Datasheet HTML 39Page - Texas Instruments TAS5705PAP Datasheet HTML 40Page - Texas Instruments TAS5705PAP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
SUB_ADDRESS_ENTRY
64
Τ1
=
= 10.63
6.0206
-
-
1
k =
1
n
-
(1)
1
1
Compression equation: k =
4 =
1
n =
0.3333:1 compression
n
3
-
-
®
-
® -
d
(g /20)
offset
10
G
=
15.5
TAS5705
www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008
Threshold Parameter Computation
For thresholds,
Tdb = –6.0206 TINPUT = –6.0206 TSUB_ADDRESS_ENTRY
If, for example, it is desired to set T1 = –64 dB, then the subaddress entry required to set T1 to –64 dB is
T1 is entered as a 32-bit number in 9.23 format. Therefore,
T1 = 10.63 = 0 1010.1010 0001 0100 0111 1010 111 = 0x0550 A3D7 in 9.23 format
Slope Parameter Computation
In developing the equations used to determine the subaddress input value required to realize a given
compression or expansion within a given region of the DRC, the following convention has been adopted.
DRC Transfer = Input Increase : Output Increase
If the DRC realizes an output increase of n dB for every dB increase in the rms value of the audio into the DRC,
a 1:n expansion is being performed. If the DRC realizes a 1-dB increase in output level for every n dB increase in
the rms value of the audio into the DRC, an n:1 compression is being performed.
For a 1:n expansion, the slope k can be found by
k = n – 1
For an n:1 compression, the slope k can be found by
In compression (n:1), n is implied to be greater than 1. For compression, Equation 1 means –1 < k < 0 for n > 1.
Thus k must always lie in the range k > –1.
With k = –4 then, the output decreases 3 dB for every 1-dB increase in the rms value of the audio into the DRC.
As the input increases in signal amplitude, the output decreases in signal amplitude.
DRC Offset Calculation
The DRC offset is calculated by
where gd = desired gain (in dB) and 15.5 is the the fixed antilog normalization factor. A value of gd = 0 indicates
no offset.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com