Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5705PAP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAP Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS5705PAP Datasheet HTML 38Page - Texas Instruments TAS5705PAP Datasheet HTML 39Page - Texas Instruments TAS5705PAP Datasheet HTML 40Page - Texas Instruments TAS5705PAP Datasheet HTML 41Page - Texas Instruments TAS5705PAP Datasheet HTML 42Page - Texas Instruments TAS5705PAP Datasheet HTML 43Page - Texas Instruments TAS5705PAP Datasheet HTML 44Page - Texas Instruments TAS5705PAP Datasheet HTML 45Page - Texas Instruments TAS5705PAP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Lf(Ch1)
Rf(Ch2)
Ls(Ch3)
Rs(Ch4)
Sub(Ch6)
10dB
+
BassManagementOutput
A
B
C
D
F
BassManagementOutput=BS_Out(linear)=Ch6=F
3.121+(A +B+C+D)
BS_Out(log)=20
log(BS_Out)
´
´
B0291-01
BANK SWITCHING
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The Bass Management function is explained in Figure 48.
NOTE: Selection of A, B, C, D, or F is determined by the input multiplexer selection register (0x20).
Figure 48. Bass Management Block Diagram
Downmix is defined by I2C register 0x21, bits (3:0), as listed in Table 5.
Table 5. Downmix Definitions
Bits 3:0
Definition
X0X0
L' = (0.000 × Ls + 0.000 × L) / 1.000
X0X1
L' = (0.000 × Ls + 1.000 × L) / 1.000
X1X0
L' = (1.000 × Ls + 0.000 × L) / 1.000
X1X1
L' = (0.707 × Ls + 1.000 × L) / 1.707
0X0X
R' = (0.000 × Rs + 0.000 × R) / 1.000
0X1X
R' = (0.000 × Rs + 1.000 ×R) / 1.000
1X0X
R' = (1.000 × Rs + 0.000 × R) / 1.000
1X1X
R' = (0.707 × Rs + 1.000 × R) / 1.707
The TAS5705 uses an approach called bank switching together with automatic sample-rate detection. All
processing features that must be changed for different sample rates are stored internally in the TAS5705. The
TAS5705 has three full banks storing information, one for 32 kHz, one for 44.1/48 kHz, and one for all other data
rates. Combined with the clock-rate autodetection feature, bank switching allows the TAS5705 to detect
automatically a change in the input sample rate and switch to the appropriate bank without any MCU
intervention.
The TAS5705 supports three banks of coefficients to be updated during the initialization. One bank is for 32 kHz,
a second bank is for 44.1/48 kHz, and a third bank is for all other sample rates. An external controller updates
the three banks (see the I2C register mapping table for bankable locations) during the initialization sequence.
If the autobank switch is enabled (register 0x50, bits 2:0) , then the TAS5705 automatically swaps the
coefficients for subsequent sample rate changes, avoiding the need for any external controller intervention for a
sample rate change.
42
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com