Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5705PAP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5705PAP
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAP Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS5705PAP Datasheet HTML 36Page - Texas Instruments TAS5705PAP Datasheet HTML 37Page - Texas Instruments TAS5705PAP Datasheet HTML 38Page - Texas Instruments TAS5705PAP Datasheet HTML 39Page - Texas Instruments TAS5705PAP Datasheet HTML 40Page - Texas Instruments TAS5705PAP Datasheet HTML 41Page - Texas Instruments TAS5705PAP Datasheet HTML 42Page - Texas Instruments TAS5705PAP Datasheet HTML 43Page - Texas Instruments TAS5705PAP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Loudness Function
Volume
Biquad(0x24)
From
Input
Mux
To
Output
Mux
Loudness
Biquad(0x23)
Gain=G
1ifVol
1/G
0ifVol
1/G+1/Scale
1
Scale(Vol
1/G)otherwise
£
³
-
-
0ifVol
1/G
1ifVol
1/G+1/Scale
Scale(Vol
1/G)otherwise
£
³
-
B0273-01
Scale=1/(1
1/G)
-
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
AM Controls
There are three controls for the AM section.
• AM Mode Enable—This control enables and disables sample rate conversion for 38, 44.1 and 48 kHz.
• AM Search Sequence—The sequence the device will search for switching frequency that avoids interference
• AM Tuned Frequency—The AM tuned frequency is encoded as four binary-encoded decimal digits, held in
two registers, representing the tuned frequency in kHz. The range of valid values is from 1999 kHz to 0500
KHz.
When the TAS5705 receives a change to any of these inputs, it
1. Performs a fast (128-step) mute
2. Performs the requested AM interference avoidance operation
a.
If requested, enables/disables the AM mode
b.
If requested, selects the requested AM search sequence
c.
Selects and sets the appropriate SRC rate
3. Performs a fast (128 step) unmute
The TAS5705 provides a direct form I biquad for loudness on the subwoofer channel. The first biquad is
contained in a gain-compensation circuit that maintains the overall system gain at 1 or less to prevent clipping at
loud volume settings. This gain compensation is shown in Figure 46.
Figure 46. Biquad Gain Control Structure
Table 3. Loudness Table Example for Gain = 4, 1/G = 0.25, Scale = 1.33
Volume
0.125
0.25
0.375
0.5
0.625
0.75
0.875
1
1.125
1.25
1.375
1.5
1.625
1.75
1.875
2
Biquad path
1
1
0.833
0.666
0.5
0.333
0.166
0
0
0
0
0
0
0
0
0
Direct path
0
0
0.166
0.333
0.5
0.666
0.833
1
1
1
1
1
1
1
1
1
Total gain
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
40
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com