Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T80C5112-RKREV Datasheet(PDF) 73 Page - ATMEL Corporation

Part # T80C5112-RKREV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKREV Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button T80C5112-RKREV Datasheet HTML 69Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 70Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 71Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 72Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 73Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 74Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 75Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 76Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
Rev. B - November 10, 2000
73
Preliminary
T80C5112
16. ROM
16.1. ROM Structure
The T80C5112 ROM memory is divided in three different arrays:
· the code array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8Kbytes.
· the encryption array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64 bytes.
· the signature array:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 bytes.
16.2. ROM Lock System
The program Lock system, when programmed, protects the on-chip program against software piracy.
16.2.1. Encryption Array
Within the ROM array are 64 bytes of encryption array. Every time a byte is addressed during program verify, 6
address lines are used to select a byte of the encryption array. This byte is then exclusive-NORÕed (XNOR) with
the code byte, creating an encrypted verify byte. The algorithm, with the encryption array in the unprogrammed
state, will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte has the value FFh, verifying
the byte will produce the encryption byte value. If a large block (>64 bytes) of code is left unprogrammed, a
verification routine will display the content of the encryption array. For this reason all the unused code bytes
should be programmed with random values.
16.2.2. Program Lock Bits
The lock bits when programmed according to Table 41. will provide different level of protection for the on-chip
code and data.
U: unprogrammed
P: programmed
16.2.3. Signature bytes
The T80C5112 contains 4 factory programmed signatures bytes. To read these bytes, perform the process described
in Section ÒSignature bytesÓ, page 75.
16.2.4. Verify Algorithm
Refer to Section ÒVerify algorithmÓ, page 76.
Table 48. Program Lock bits
Program Lock Bits
Protection description
Securi-
ty level
LB1
LB2
1
U
U
No program lock features enabled. Code verify will still be encrypted by the encryption
array if programmed. MOVC instruction executed from external program memory returns
non encrypted data.
2
P
U
MOVC instruction executed from external program memory are disabled from fetching
code bytes from internal memory, EA is sampled and latched on reset.
3
U
P
Same as 2, also verify is disabled
This security level is available because ROM integrity will be veriÞed thanks to another
method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com