Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T80C5112-RKREV Datasheet(PDF) 58 Page - ATMEL Corporation

Part # T80C5112-RKREV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKREV Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button T80C5112-RKREV Datasheet HTML 54Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 55Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 56Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 57Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 58Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 59Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 60Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 61Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
58
Rev. B - November 10, 2000
Preliminary
T80C5112
SFR the output will be low, when it is equal to or greater than the output will be high. When CL overflows from
FF to 00, CCAPLn is reloaded with the value in CCAPHn. This allows updating the PWM without glitches. The
PWM and ECOM bits in the module's CCAPMn register must be set to enable the PWM mode.
Figure 27. PCA PWM Mode
13.5. PCA Watchdog Timer
An on-board watchdog timer is available with the PCA to improve the reliability of the system without increasing
chip count. Watchdog timers are useful for systems that are susceptible to noise, power glitches, or electrostatic
discharge. Module 4 is the only PCA module that can be programmed as a watchdog. However, this module can
still be used for other modes if the watchdog is not needed. Figure 25 shows a diagram of how the watchdog
works. The user pre-loads a 16-bit value in the compare registers. Just like the other compare modes, this 16-bit
value is compared to the PCA timer value. If a match is allowed to occur, an internal reset will be generated. This
will not cause the RST pin to be driven high.
In order to hold off the reset, the user has three options:
·
1. periodically change the compare value so it will never match the PCA timer,
·
2. periodically change the PCA timer value so it will never match the compare values, or
·
3. disable the watchdog by clearing the WDTE bit before a match occurs and then re-enable it.
The first two options are more reliable because the watchdog timer is never disabled as in option #3. If the program
counter ever goes astray, a match will eventually occur and cause an internal reset. The second option is also not
recommended if other PCA modules are being used. Remember, the PCA timer is the time base for all modules;
changing the time base for other modules would not be a good idea. Thus, in most applications the first solution
is the best option.
This watchdog timer wonÕt generate a reset out on the reset pin.
CL
CCAPnH
CCAPnL
ECOMn
CCAPMn, n= 0 to 4
0xDA to 0xDE
CAPNn MATn
TOGn PWMn ECCFn
CAPPn
8 bit comparator
CEXn
Ò0Ó
Ò1Ó
³
<
Enable
PCA counter/timer
Overßow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com