Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T80C5112-RKREV Datasheet(PDF) 28 Page - ATMEL Corporation

Part # T80C5112-RKREV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKREV Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button T80C5112-RKREV Datasheet HTML 24Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 25Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 26Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 27Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 28Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 29Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 30Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 31Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
28
Rev. B - November 10, 2000
Preliminary
T80C5112
10. Dual Data Pointer Register Ddptr
The additional data pointer can be used to speed up code execution and reduce code size in a number of ways.
The dual DPTR structure is a way by which the chip will specify the address of an external data memory location.
There are two 16-bit DPTR registers that address the external memory, and a single bit called
DPS = AUXR1/bit0 (See Table 17.) that allows the program code to switch between them (Refer to Figure 9).
Figure 9. Use of Dual Pointer
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com