Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T80C5112-RKREV Datasheet(PDF) 52 Page - ATMEL Corporation

Part # T80C5112-RKREV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKREV Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button T80C5112-RKREV Datasheet HTML 48Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 49Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 50Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 51Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 52Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 53Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 54Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 55Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
52
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 23. PCA Interrupt System
PCA Modules: each one of the five compare/capture modules has six possible functions. It can perform:
·
16-bit Capture, positive-edge triggered,
·
16-bit Capture, negative-edge triggered,
·
16-bit Capture, both positive and negative-edge triggered,
·
16-bit Software Timer,
·
16-bit High Speed Output,
·
8-bit Pulse Width Modulator.
In addition, module 4 can be used as a Watchdog Timer.
Each module in the PCA has a special function register associated with it. These registers are: CCAPM0 for module
0, CCAPM1 for module 1, etc. (See Table 28). The registers contain the bits that control the mode that each
module will operate in.
· The ECCF bit (CCAPMn.0 where n=0, 1, 2, 3, or 4 depending on the module) enables the CCF flag in the
CCON SFR to generate an interrupt when a match or compare occurs in the associated module.
· PWM (CCAPMn.1) enables the pulse width modulation mode.
· The TOG bit (CCAPMn.2) when set causes the CEX output associated with the module to toggle when there
is a match between the PCA counter and the module's capture/compare register.
· The match bit MAT (CCAPMn.3) when set will cause the CCFn bit in the CCON register to be set when there
is a match between the PCA counter and the module's capture/compare register.
· The next two bits CAPN (CCAPMn.4) and CAPP (CCAPMn.5) determine the edge that a capture input will
be active on. The CAPN bit enables the negative edge, and the CAPP bit enables the positive edge. If both
bits are set both edges will be enabled and a capture will occur for either transition.
· The last bit in the register ECOM (CCAPMn.6) when set enables the comparator function.
Table 29 shows the CCAPMn settings for the various PCA functions.
CF
CR
CCON
0xD8
CCF4
CCF3
CCF2
CCF1
CCF0
Module 4
Module 3
Module 2
Module 1
Module 0
ECF
PCA Timer/Counter
ECCFn CCAPMn.0
CMOD.0
IE.6
IE.7
To Interrupt
priority decoder
EC
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com