Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T80C5112-RKREV Datasheet(PDF) 40 Page - ATMEL Corporation

Part # T80C5112-RKREV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKREV Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button T80C5112-RKREV Datasheet HTML 36Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 37Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 38Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 39Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 40Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 41Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 42Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 43Page - ATMEL Corporation T80C5112-RKREV Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
40
Rev. B - November 10, 2000
Preliminary
T80C5112
12. Serial Port Interface (SPI)
12.1. Introduction
The Serial Peripheral Interface module (SPI) which allows full-duplex, synchronous, serial communication between
the MCU and peripheral devices, including other MCUs.
12.2. Features
Features of the SPI module include the following:
·
Full-duplex, three-wire synchronous transfers
·
Master or Slave operation
·
Eight programmable Master clock rates
·
Serial clock with programmable polarity and phase
·
Master Mode fault error flag with MCU interrupt capability
·
Write collision flag protection
12.3. Signal Description
Figure 15 shows a typical SPI bus configuration using one Master controller and many Slave peripherals. The bus
is made of three wires connecting all the devices:
Figure 15. Typical SPI bus
The Master device selects the individual Slave devices by using four pins of a parallel port to control the four SS
pins of the Slave devices.
12.3.1. Master Output Slave Input (MOSI)
This 1-bit signal is directly connected between the Master Device and a Slave Device. The MOSI line is used to
transfer data in series from the Master to the Slave. Therefore, it is an output signal from the Master, and an input
signal to a Slave. A byte (8-bit word) is transmitted most significant bit (MSB) first, least significant bit (LSB)last.
Slave 1
MISO
MOSI
SCK
SS
0
1
2
3
Slave 3
Slave 4
Slave 2
VDD
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com