Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 2Page - STMicroelectronics L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Pin description
L6452
6/22
3, 7, 10, 13,
17, 20, 23,
26
Vc
Outputs Power Supply
4, 15, 27,
51, 79, 92
GND
logic and power ground
29
LatchClear
A high level resets all bit in the latch
30
NcEn
A high level enables the internal current sources and disables all
DMOS outputs. To be active, the internal current sources must have
their corresponding bit set in the 16 bit latch and LongPulse must be
set to low level. This function is called Nozzle Check Enable.
31
LatchData
A rising edge latches the 16 bit stored in the shift register in the 16 bit
latch
32
SDI
Serial data input of the shift register
33
SDC
The data bit presented to the SDI pin is stored into the register on the
rising edge of this pin
34
LongPulse
A low level activates all outputs having their corresponding bit in the
16 bit latch set (this pin has an internal pull-up resistor)
35
ShortPulse
A low level activates all outputs having their corresponding bit in the
16 bit latch reset (this pin has an internal pull-up resistor)
36
Reset
A low level disables all functions and clears all registers
37
ConvStart
A high level enables the A/D to start the new conversion
38
ADCK
A/D clock signal; the ADDATA signal are valid on the falling edge of
this pin
39
NCOut
If NcEn is high this output provides a high level when the open load is
detected on the output. If NcEn is low this output provides a high level
when a short circuit is detected on HSA/B output
40
CH0buf
Analog output signal (CH0 buffered)
41
ADDATA
A/D serial data output
42
AnalogGND
Analog ground connection
43
ADCGND
Ground of internal ADC
44, 90
Va
Power supply
45
Vref
Reference voltage generator
46 to 50
CH5..CH1
A/D input signals
52 to 64
HSB1..HSB13
Head selector address output channel B
65
Vr
Head Select Power Supply
66 to 78
HSA13..HSA1
Head selector address output channel A
80
EnlC
Enable Internal Counter:
A high level enables the counter and the internal decoder will activate
of the HSx outputs according to the counter’s outputs. Signal S0
becomes ClkC and S1 becomes ResC
Table 1.
Pin function - continued
Pin #
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com