Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics L6452 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
L6452
Electrical specifications
9/22
Idd
Vdd supply current
sleep or normal condition
5
mA
Vref
Reference Voltage
Tamb= 5 to 55°C
4.85
5
5.15
V
Irefext
Reference current (external)
7
mA
Iccs
Programmed constant current
12
13.5
mA
∆I
ccs/Iccs
Constant current regulation
Va=11V Tamb = 5 to 55°C
0.33
%
Vampout
Output voltage of integrated
e (3)
Va-1
V
amplifier
Vcm
Operating input voltage at pins
Vref= 5V g1=1.2 g2 = 3
7
V
Vxa and Vxb
g1
Amp. A1 Voltage gain
1.188
1.2
1.212
g2
Amp.A2 Voltage gain
2.95
3.02
3.10
Vstep-up
Driving Voltage of power
DMOS
Vc +11
V
A/D CONVERTER
VA/D in
A/D input voltage
Selected Channel:
CH1 to CH5
Selected Ch=CH0
0
e (3)
Vref
Vref
V
V
Iexch
A/D input current
Input CH1 to CH5
selected or not
±1
µA
OFFSET VOLTAGE GENERATION / DAC
Voffset
Offset Voltage
Vref = 5V
2.5 + e
(3)
7.34
V
Vstep
Voltage increment (1LSB)
Vref= 5V
156
mV
Kdac
Voffset/Vref
Any step N
≥ 4
±3
%
A/D CONVERTER TIMINGS
Tcscks
ConvStart set up time
200
ns
Tcsckh
ConvStart hold time
200
ns
Tckout
Falling edge of clock to data
out valid delay
Cload ≤ 20pF
200
ns
Tcsz
ConvStart falling edge to
output in Hi-Z delay
200
ns
Fadck
Clock frequency
250
KHz
Tcslow
Conv. Start low level time
5.6
µs
Table 3.
DC Electrical characteristics (Tj = 25°C) - continued
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
I
ccs
V
ref
2R
ext
--------------- 4
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com