Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics L6452 Datasheet HTML 13Page - STMicroelectronics L6452 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical specifications
L6452
10/22
Tacqth
Theoretical acquisition time
fadck= 250 kHz
32.4
µs
Tacqpr
Real acquisition time
fadck= 250 kHz
36
µs
DIGITAL INTERFACE INPUT
Vinp
Schmitt Trigger positive-going
Threshold
2/3Vdd
V
Vinm
Schmitt Trigger negative-going
Threshold
1/3Vdd
V
Vhys
Schmitt Trigger Hysteresis
0.1
0.3
1
V
Iin
Input Current (Vin=0; Vdd=5)
(4)
50
150
300
µA
CR LATCH TIMINGS
Tls
Latch set up time
100
ns
Tlhigh
Latch high time
100
ns
Tlconv
Latch data valid to A/D input
valid delay
Selected channel:
CH1..CH5
CH0
4
7
µs
µs
tstore
Latching data time
200
ns
Note:
The control register (driving signals CRdata, CRclock) is accessed with the same timing
specifications as the data 16 bit shift register (signals SDI, SDC)
SHIFT REGISTER AND LATCH TIMING
Ta
Set up time
35
ns
Tb
Hold time
35
ns
Tc
Serial clock low time
35
ns
Td
Serial clock high time
35
ns
Te
Serial clock period
125
ns
Tf
Latch set up time
100
ns
Tg
Latch data high time
100
ns
Tset
NcEn setup time with respect
to LongPulse (or ShortPulse)
Asserted
160
ns
Thold
NcEn hold time with respect to
LongPulse (or ShortPulse)
Asserted
0ns
Tlp
Set-up time from latch to Pulse
(short and long)
125
ns
Tpl
Time from Pulse deassertion to
new data latching
125
ns
Table 3.
DC Electrical characteristics (Tj = 25°C) - continued
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com