Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 1 Page - STMicroelectronics

  L6452 Datasheet HTML 1Page - STMicroelectronics L6452 Datasheet HTML 2Page - STMicroelectronics L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Rev 2
February 2006
1/22
22
L6452
Dual 13x16 Matrix Head Ink Jet Driver
Features
■ DRIVES TWO 13X16 MATRIX HEADS
■ HEAD TEMPERATURE SENSING
■ POWER UP SYSTEM
■ ELECTRICAL NOZZLE CHECK
■ 8 BIT A/D
■ 5 BIT D/A
■ ± 4KV ESD PROTECTED OUTPUTS
Description
L6452 is a device designed to drive two 13x16
matrix ink jet print heads in printer applications.
The output stage is able to source simultaneously
400 mA on each of the 16 power lines (columns)
with a duty cycle of 33% in normal printing and
66% in head pre-heating. On the address lines
(rows), the load is only capacitive (MOS FET
driving capability). The driver can control two print
heads, but only one is active at a time. The
address scanning counter is included and can be
disabled to allow a different scanning scheme.
In order to avoid output activation during the
supply transient, an internal power-up system is
implemented.
As supporting function, L6452 is capable of
sensing the head silicon temperature and to
electrically check each nozzle.
The
device
is
also
integrating
a
thermal
protection.
Order codes
PQFP100
Part number
Op. Temp range,
°CPackage
Packing
E-L6452
0 to 70
PQFP100
Tray
L6452DIE8
0 to 70
DIE
--
www.st.com


Similar Part No. - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
DUAL 13X16 MATRIX HEAD INK JET DRIVER
Mar-1999
More results

Similar Description - L6452

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
28 CHANNEL INK JET DRIVER
Mar-1994
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
28 CHANNEL INK JET DRIVER
May-1995
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
DUAL 13X16 MATRIX HEAD INK JET DRIVER
Mar-1999
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
System Driver for Ink Jet Printers
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
OPTIMUM LASER/INK JET
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com