Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6452 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics L6452 Datasheet HTML 13Page - STMicroelectronics L6452 Datasheet HTML 14Page - STMicroelectronics L6452 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L6452
Electrical specifications
11/22
OUTPUTS ELECTRICAL CHARACTERISTICS
Iout
Output Current (outputs 0..15)
DC=33%;
preheating DC=66%
400
mA
Rds(ON)
On Resistance
Tj= 25°C
1.3
Ω
Tpdr
Power output Turn on Time
From 50% LongPulse to 90%
power output rising edge Load =
30 Ohm in parallel with 1.5nF
160
ns
Tpd
Toff delay time
From 50% LongPulse to 90%
power output falling edge Load =
30 Ohm in parallel with 1.5nF
100
ns
Rpon
Open Nozzle Check
0.5
1
2
k
Ω
HEAD ADDRESS SELECTOR OUTPUT
Th
UpC/S2, ResC/S1, ChSel,
ClkC/S0 and EnIC set-up time
with respect to EnCh
150
ns
Tk
UpC/S2, ResC/S1, ChSel,
ClkC/S0 and EnIC hold time
with respect to EnCh
50
ns
Tj
UpC/S2 with respect to hold
time ClkC/S0
200
ns
Ti
UpC/S2 with respect to setup
time ClkC/S0
100
ns
Tm
Enable input to active output
delay time
100
ns
Tn
Clock to active output delay
time
150
ns
To
Disable input to inactive output
delay time
100
ns
fclk-counter
Counter Clock Frequency
1
MHz
Clkdc
Clock duty cycle
10
90
%
Ton
Address Turn on time
From 50% ClkC/S0 or selector
signal to 90% of the address
output variation Load: see Figure
11.
325
ns
Toff
Address Turn off time
325
ns
(1) The three supply voltage are independent inside the specified value;
(2) The Min. value for Vc power line has been verified down to 4V in application lab.; nevertheless the parameters are
guaranteed within spec limit of the above DC ELECTRICAL CHARACTERISTICS table.
(3) e = 2 · Vstep
(4) This applies to input pins having an internal pull-up (ENCH, LONGPULSE, SHORTPULSE)
Table 3.
DC Electrical characteristics (Tj = 25°C) - continued
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com