Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC3055 Datasheet HTML 3Page - STMicroelectronics STLC3055 Datasheet HTML 4Page - STMicroelectronics STLC3055 Datasheet HTML 5Page - STMicroelectronics STLC3055 Datasheet HTML 6Page - STMicroelectronics STLC3055 Datasheet HTML 7Page - STMicroelectronics STLC3055 Datasheet HTML 8Page - STMicroelectronics STLC3055 Datasheet HTML 9Page - STMicroelectronics STLC3055 Datasheet HTML 10Page - STMicroelectronics STLC3055 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
shaping by the capacitor CS.
The waveform so generated is then filtered and
injected on the line.
The low pass filter can be obtained using the inte-
grated buffer OP1 connected between pin FTTX
(OP1 non inverting input) and RTTX (OP1 output)
(see fig.4) and implementing a ”Sallen and Key”
configuration.
Depending on the external components count it is
possible to build an optimised
application de-
pending on the distortion level required. In par-
ticular harmonic distortion levels equal to 13%,
6% and 3% can be obtained respectively with
first, second and third order filters (see fig.4).
The circuit showed in the ”Application diagram” is
related to the simple first order filter.
Once the shaped and filtered signal is obtained at
RTTX buffer output it is injected on the TIP/RING
pins with a +6dB gain.
It should be noted that this is the nominal condi-
tion obtained in presence of ideal TTX echo can-
cellation (obtained via proper setting of RTTX and
CTTX). In addition the effective level obtained on
the line will depend on the line impedance, the
protection resistor value and the series switch
(SW1 or SW2) on resistance.
In the typical application (TTX line impedance
=200
Ω ,RP = 41Ω, SW1,2 on resistance = 9Ω
and ideal TTX echo cancellation) the metering
pulse level on the line will be 1.33 times the level
applied to the RTTX pin.
As already mentioned the metering pulse echo
cancellation is obtained by means of two external
components (RTTX and CTTX) that should match
the line impedance at the TTX frequency. This
simple network has a double effect:
Synthesise a low output impedance at the
TIP/RING pins at the TTX frequency.
Cut the eventual TTX echo that will be trans-
ferred from the line to the TX output.
Ringing
When this mode is selected STLC3055 self gen-
erate an higher negative battery (-70V typ.) in or-
der to allow a balanced ringing signal of typically
65Vpeak.
In this condition both the DC and AC feedback
loop are disabled and the SLIC line drivers oper-
ate as voltage buffers.
The ring waveform is obtained toggling the D2
control bit at the desired ring frequency. This bit in
fact controls the line polarity (0=direct; 1=re-
verse). As in the ACTIVE mode the line voltage
transition is performed with a ramp transition, ob-
taining in this way a trapezoidal balanced ring
waveform (see fig.5).
The shaping is defined by the CREV external
capacitor.
Selecting the proper capacitor value it is possible
to get different crest factor values.
The following table shows the crest factor values
CTTX1
CTTX2
CS
RLV
RLV
SQTTX
BURST
D0
CKTTX
SHAPING
GENERATOR
Square wave pulse metering
Sinusoidal wave
pulse metering
RTTX
FTTX
Low Pass Filter
-
+
OP1
CFL
R1
R2
C2
C1
Required external components vs. filter order.
Figure 4. Metering pulse generation circuit.
Order CFL
R1
C!
R2
C2
THD
1
X
13%
2
XXX
X
6%
3
X
XXX
X
3%
STLC3055
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com