Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC3055 Datasheet HTML 2Page - STMicroelectronics STLC3055 Datasheet HTML 3Page - STMicroelectronics STLC3055 Datasheet HTML 4Page - STMicroelectronics STLC3055 Datasheet HTML 5Page - STMicroelectronics STLC3055 Datasheet HTML 6Page - STMicroelectronics STLC3055 Datasheet HTML 7Page - STMicroelectronics STLC3055 Datasheet HTML 8Page - STMicroelectronics STLC3055 Datasheet HTML 9Page - STMicroelectronics STLC3055 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
The line status (on/off hook) is monitored by the
SLIC’s supervision circuit. The off-hook threshold
can be programmed via the external resistor RTH
in the range from 5mA to 9mA.
Independently on the programmed constant cur-
rent value, the TIP and RING buffers have a cur-
rent source capability limited to 70mA typ.
Moreover the power available at Vbat is control-
led by the DC/DC converter that limits the peak
current drawn from the Vpos supply. The maxi-
mum allowed current peak is set by the RSENSE
resistor and it is typically 900mApk.
AC CHARACTERISTICS
The SLIC provides the standard SLIC transmis-
sion functions:
Input impedance synthesis: can be real or
complex and is set by a scaled (x50) external
ZAC impedance.
Transmit and receive: The AC signal present
on the 2W port (TIP/RING) is transferred to the
TX output with a -6dB gain and from the RX in-
put to the 2W port with a 0dB gain.
2 to 4 wire conversion: The balance imped-
ance can be real or complex, the proper can-
cellation is obtained by means of two external
impedance ZA and ZB.
Once in Active mode (D1=1) the SLIC can oper-
ate in different states setting properly D0 and D2
control bits (see also Table 2).
Table 2. SLIC states in ACTIVE mode
D0
D1
D2
Operating Mode
0
1
0
Active Normal Polarity
0
1
1
Active Reverse Polarity
1
1
0
Active TTX injection (N.P.)
1
1
1
Active TTX injection (R.P.)
POLARITY REVERSAL
The D2 bit controls the line polarity, the transition
between the two polarities is performed in a ”soft”
way. This means that the TIP and RING wire ex-
change their polarities following a ramp transition
(see fig.3). The transition time is controlled by an
external capacitor CREV. This capacitor is also
setting the shape of the ringing trapezoidal wave-
form.
When the control pins set battery reversal the line
polarity is reversed with a proper transition time
set via an external capacitor (CREV).
METERING PULSE INJECTION (TTX)
The metering pulses circuit consist of a burst
shaping generator that gives a square wave
shaped and a low pass filter to reduce the har-
monic distortion of the output signal.
The metering pulse is obtained starting from two
logic signals:
CKTTX: is a square wave at the TTX fre-
quency (12 or 16KHz) and should be perma-
nently applied to the CKTTX pin or at least for
all the duration of the TTX pulse (including ris-
ing and decay phases).
D0: enable the TTX generation circuit and de-
fine the TTX pulse duration.
This two signals are then processed by a dedi-
cated circuitry integrated on chip that generate
the metering pulse as an amplitude modulated
shaped squarewave (SQTTX) (see fig.4).
Both the amplitude and the envelope of the
squarewave (SQTTX) can be programmed by
means of external components. In particular the
amplitude is set by the two resistors RLV and the
IL
Ilim
VL
Vbat (-50V)
10V
2Rp
(20 to
40mA)
Figure 2. DC characteristic in ACTIVE mode
GND
TIP
RING
dV/dT set
by CREV
4V typ.
40V typ
ON-HOOK
Figure 3. TIP/RING typical transition from
Direct to Reverse Polarity
STLC3055
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com