Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC3055 Datasheet HTML 4Page - STMicroelectronics STLC3055 Datasheet HTML 5Page - STMicroelectronics STLC3055 Datasheet HTML 6Page - STMicroelectronics STLC3055 Datasheet HTML 7Page - STMicroelectronics STLC3055 Datasheet HTML 8Page - STMicroelectronics STLC3055 Datasheet HTML 9Page - STMicroelectronics STLC3055 Datasheet HTML 10Page - STMicroelectronics STLC3055 Datasheet HTML 11Page - STMicroelectronics STLC3055 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
obtained with a 20Hz and 25Hz ring frequency
and with 1REN. This value are valid either with
European or USA specification:
CREV
CREST
FACTOR
@20Hz
CREST
FACTOR
@25Hz
22nF
1.2
1.26
27nF
1.25
1.32
33nF
1.33
Not significant (*)
(*) Distorsion already less than 10%.
The ring trip detection is performed sensing the
variation of the AC line impedance from on hook
(relatively high) to off-hook (low). This particular
ring trip method allows to operate without DC off-
set superimposed on the ring signal and therefore
obtaining the maximum possible ring level on the
load starting from a given negative battery.
It should be noted that such a method is opti-
mised for operation on short loop applications and
may not operate properly in presence of long loop
applications (> 500
Ω ).
Once ring trip is detected, the DET output is acti-
vated (logic level low), at this point the card con-
troller or a simple logic circuit should stop the D2
toggling in order to effectively disconnect the ring
signal and then set the STLC3055 in the proper
operating mode (normally ACTIVE).
RING LEVEL IN PRESENCE OF MORE TELE-
PHONE IN PARALLEL
As already mentioned above the maximum cur-
rent that can be drawn from the Vpos supply is
controlled and limited via the external RSENSE.
This will limit also the power available at the self
generated negative battery.
If for any reason the ringer load will be too high
the self generated battery will drop in order to
keep the power consumption to the fixed limit and
therefore also the ring voltage level will be re-
duced.
In the typical application with RSENSE = 110m
the peak current from Vpos is limited to about
900mA, which correspond to an average current
of 700mA max. In this condition the STLC3055
can drive up to 3REN with a ring frequency
fr=25Hz (1REN = 1800
Ω + 1.0µF, European
standard).
In order to drive up to 5REN (1REN= 6930
Ω +
8
µF, US standard) it is necessary to modify the
external components as follows:
CREV = 15nF
RD = 2.2K
Power On Requirements
In order to avoid damage to the device when
Vpos is first applied it is recommended to keep all
the logic inputs to a low logic level (0V) until Vpos
is >5.5V.
In case this power up sequence cannot be guar-
anteed it’s recommended to connect a shottky di-
ode (BAT46 or equivalent) between VBAT and
BGND see figure below.
GND
TIP
RING
dV/dT set
by CREV
2.5V typ.
65V
typ.
VBAT
2.5V typ.
Figure 5. TIP/RING typical ringing waveform
BAT46
BGND
VBAT
STLC3055
Figure 6. Shottky diode connection
STLC3055
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com