Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC3055 Datasheet HTML 1Page - STMicroelectronics STLC3055 Datasheet HTML 2Page - STMicroelectronics STLC3055 Datasheet HTML 3Page - STMicroelectronics STLC3055 Datasheet HTML 4Page - STMicroelectronics STLC3055 Datasheet HTML 5Page - STMicroelectronics STLC3055 Datasheet HTML 6Page - STMicroelectronics STLC3055 Datasheet HTML 7Page - STMicroelectronics STLC3055 Datasheet HTML 8Page - STMicroelectronics STLC3055 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MONOCHIP SLIC OPTIMISED FOR WLL &
ISDN-TA APPLICATIONS
IMPLEMENT ALL KEY FEATURES OF THE
BORSHT FUNCTION
SINGLE SUPPLY (5.5 TO 15.8V)
BUILT IN DC/DC CONVERTER CONTROL-
LER.
SOFT BATTERY REVERSAL WITH PRO-
GRAMMABLE TRANSITION TIME.
ON-HOOK TRANSMISSION.
PROGRAMMABLE OFF-HOOK DETECTOR
THRESHOLD
METERING PULSE GENERATION AND FIL-
TER
INTEGRATED RINGING
INTEGRATED RING TRIP
PARALLEL CONTROL INTERFACE (3.3V
LOGIC LEVEL)
PROGRAMMABLE CONSTANT CURRENT
FEED
SURFACE MOUNT PACKAGE
INTEGRATED THERMAL PROTECTION
-40 TO +85
°C OPERATING RANGE
DESCRIPTION
The STLC3055 is a SLIC device specifically de-
signed for WLL (Wireless Local Loop) and ISDN-
Terminal Adaptors. One of the distinctive charac-
teristic of this device is the ability to operate with
a single supply voltage (from +5.5V to +15.8V)
and self generate the negative battery by means
of an on chip DC/DC converter controller that
drives an external MOS switch.
The battery level is properly adjusted depending
on the operating mode. A useful characteristic for
October 1999
®
D0
D1
D2
DET
RTTX
CAC
ILTF RD IREF RLIM RTH
CSVR
CVCC
VPOS
BGND
TIP
RING
VBAT
AGND
TX
RX
ZAC1
ZAC
RS
ZB
CTTX1
CTTX2
FTTX
CKTTX
SUPERVISION
TTX PROC
AC PROC
REFERENCE
STAGE
LINE
DR IVER
CR EV
INPUT LOGICAND DECODER
OUTPUT LOGIC
VOLT.
Vcc
Vss
Agnd
OUTPUT
REG.
Status and functions
CLK
R SENSE
GATE
VF
DC/DC
CONV.
DC PROC
Vba t
BLOCK DIAGRAM
TQFP44
ORDERING NUMBERS: STLC3055Q
STLC3055QTR
STLC3055
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
1/22


Similar Part No. - STLC3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
More results

Similar Description - STLC3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3065 STMICROELECTRONICS-STLC3065 Datasheet
194Kb / 27P
WLL SUBSCRIBER LINE INTERFACE CIRCUIT
Oct-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
Feb-2006
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
WLL and ISDN-TA subscriber line interface circuit
12-Feb-2009
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com