Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3055 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC3055
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC3055 Datasheet HTML 10Page - STMicroelectronics STLC3055 Datasheet HTML 11Page - STMicroelectronics STLC3055 Datasheet HTML 12Page - STMicroelectronics STLC3055 Datasheet HTML 13Page - STMicroelectronics STLC3055 Datasheet HTML 14Page - STMicroelectronics STLC3055 Datasheet HTML 15Page - STMicroelectronics STLC3055 Datasheet HTML 16Page - STMicroelectronics STLC3055 Datasheet HTML 17Page - STMicroelectronics STLC3055 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
G42f
RX gain variation vs. freq.
rel. 1020Hz; 0dBm,
300 to 3400Hz,
ACTIVE N. P., RL = 600
Ω (*)
-0.12
0.12
dB
V2Wp
Idle channel noise at line
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = 0 to +85
°C
-73
-68
dBmp
V2Wp
Idle channel noise at line
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = -40 to +85
°C
-68
dBmp
V4Wp
Idle channel noise at line
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = 0 to +85
°C
-75
-70
dBmp
V4Wp
Idle channel noise at line
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = -40 to +85
°C
-75
dBmp
Thd
Total Harmonic Distortion
ACTIVE N. P., RL = 600
Ω (*)
-46
dB
VTTX
Metering pulse level on line
ACTIVE - TTX
Zl = 200
Ω fttx = 12kHz
200
250
mVrms
CLKfreq
CLK operating range
-10%
125
10%
kHz
RING
Vring
Line voltage
RING D2 toggling @ fr = 25Hz
Load = 3REN;
Crest Factor = 1.25
1REN = 1800
Ω + 1.0µF
Tamb = 0 to +85
°C
45
49
Vrms
Vring
Line voltage
RING D2 toggling @ fr = 25Hz
Load = 3REN;
Crest Factor = 1.25
1REN = 1800
Ω + 1.0µF
Tamb = -40 to +85
°C
44
48
Vrms
DETECTORS
IOFFTHA
Off/hook current threshold
ACT. mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
10.5
mA
ROFTHA
Off/hook loop resistance
threshold
ACT. mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
3.4
k
IONTHA
On/hook current threshold
ACT. mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
6mA
RONTHA
On/hook loop resistance
threshold
ACT. mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
8k
IOFFTH I
Off/hook current threshold
Hi Z mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
10.5
mA
ROFFTHI
Off/hook loop resistance
threshold
Hi Z mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
800
IONTHI
On/hook current threshold
Hi Z mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
6mA
RONTHI
On/hook loop resistance
threshold
Hi Z mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
8k
ELECTRICAL CHARACTERISTICS (continued)
(*) RL: Line Resistance
STLC3055
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com