Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5465B Datasheet(PDF) 93 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 89Page - STMicroelectronics STLC5465B Datasheet HTML 90Page - STMicroelectronics STLC5465B Datasheet HTML 91Page - STMicroelectronics STLC5465B Datasheet HTML 92Page - STMicroelectronics STLC5465B Datasheet HTML 93Page - STMicroelectronics STLC5465B Datasheet HTML 94Page - STMicroelectronics STLC5465B Datasheet HTML 95Page - STMicroelectronics STLC5465B Datasheet HTML 96Page - STMicroelectronics STLC5465B Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 101 page
background image
IX - EXTERNAL REGISTERS
These registers are located in shared memory. Initiate Block Address Register (IBAR) gives the Initiate
Block Address (IBA) in shared memory (see Register IBAR(34)H on Page 90).
‘Not used’ bits (Nu) are accessible by the microprocessor but the use of these bits by software is not
recommended.
IX.1 - Initialization Block in External Memory
Descriptor Address
Channel
Address
bit15
bit8
bit7
bit0
CH 0
T
IBA+00
Not used
TDA High
IBA+02
Transmit Descriptor Address (TDA Low)
R
IBA+04
Not used
RDA High
IBA+06
Receive Descriptor Address (RDA Low)
CH1
T
IBA+08
Not used
TDA High
IBA+10
Transmit Descriptor Address (TDA Low)
R
IBA+12
Not used
RDA High
IBA+14
Receive Descriptor Address (RDA Low)
CH 2
to
CH30
IBA+16
to
IBA+246
CH 31
T
IBA+248
Not used
TDA High
IBA+250
Transmit Descriptor Address (TDA Low)
R
IBA+252
Not used
RDA High
IBA+254
Receive Descriptor Address (RDA Low)
When Direct Memory Access Controller receives Start from one of 64 channels, it reads initialization block
immediately to know the first address of the first descriptor for this channel.
Bit 0 of Transmit Descriptor Address (TDA Low) and bit 0 of Receive Descriptor Address (RDA Low), are
at ZERO mandatory. This Least Significant Bit is not used by DMA Controller, The shared memory is
always a 16 bit memory for the DMA Controller.
N.B. If several descriptors are used to transmit one frame then before transmitting frame, DMA Controller
stores the address of the first Transmit Descriptor Address into this Initialization Block.
STLC5465B
93/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com