Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5465B Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 21Page - STMicroelectronics STLC5465B Datasheet HTML 22Page - STMicroelectronics STLC5465B Datasheet HTML 23Page - STMicroelectronics STLC5465B Datasheet HTML 24Page - STMicroelectronics STLC5465B Datasheet HTML 25Page - STMicroelectronics STLC5465B Datasheet HTML 26Page - STMicroelectronics STLC5465B Datasheet HTML 27Page - STMicroelectronics STLC5465B Datasheet HTML 28Page - STMicroelectronics STLC5465B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
TIME S LOT ASS IGNER
32 Rx HDLC
32 ADDRES S
RECOGNITION
32 Rx FIFO’s
32 Rx DMAC
32 Rx DMAC
32 Tx FIFO’s
32 Tx HDLC
32 CSMA-CR
DIN 8
Dire ct HDLC Input
From Output 7
of the Matrix
To Input 7 of the Matrix
From Output 6
of the Matrix
DOUT 6
Direct HDLC Output
Conte ntion
Bus
Echo
µP
INTERFACE
RAM
INTERFACE
Figure 11 : HDLC and DMA Controller Block Diagram
III - FUNCTIONAL DESCRIPTION (continued)
III.2 - HDLC Controller
III.2.1 - Function Description
The internal HDLC controller can run up to 32
channels in a conventional HDLC mode or in a
transparent (non-HDLC) mode (configurable per
channel).
Each channel bit rate is programmablefrom 4kbit/s
to 64kbit/s. All the configurations are also possible
from 32 channels (from 4 to 64 kbit/s) to one
channel at 2 Mbit/s.
In reception, the HDLC time slots can directly come
from the input TDM DIN8 (direct HDLC Input) or
from any other TDM input after switching towards
the output 7 of the matrix (configurable per time
slot).
In transmission, the HDLC frames are sent on the
output DOUT6 and on the output CB (with or with-
out contention mechanism), or are switched to-
wards the other TDM output via the input 7 of the
matrix (see Figure 11).
III.2.1.1 - Format of the HDLC Frame
The format of an HDLC frame is the same in receive
and transmit direction and shown here after.
III.2.1.2 - Composition of an HDLC Frame
Opening Flag
Address Field (first byte)
Address Field (second byte)
Command Field (first byte)
Command Field (second byte)
Data (first byte)
Data (optional)
Data (last byte)
FCS (first byte)
FCS (second byte)
Closing Flag
- Opening Flag
- One or two bytes for address recognition (recep-
tion) and insertion (transmission)
- Data bytes with bit stuffing
- Frame Check Sequence: CRC with polynomial
G(x) = x
16 +x12+x5+1
- Closing Flag.
STLC5465B
25/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com