Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5465B Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 17Page - STMicroelectronics STLC5465B Datasheet HTML 18Page - STMicroelectronics STLC5465B Datasheet HTML 19Page - STMicroelectronics STLC5465B Datasheet HTML 20Page - STMicroelectronics STLC5465B Datasheet HTML 21Page - STMicroelectronics STLC5465B Datasheet HTML 22Page - STMicroelectronics STLC5465B Datasheet HTML 23Page - STMicroelectronics STLC5465B Datasheet HTML 24Page - STMicroelectronics STLC5465B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
III.1.6 - Connection Memory
III.1.6.1 - Description
The connection memory is composed of 256 loca-
tions addressed by the number of OTDM and TS
(8x32).
Each location permits :
- to connect each input time slot to one output time
slot (If two or more output time slots are con-
nected to the same input time slot number, there
is broadcasting).
- to select the variable delay mode or the sequence
integrity mode for any time slot.
- to loop back an output time slot. In this case the
contents of an input time slot (ITSx, ITDMp) is the
same as the output time slot (OTSx,OTDMp).
- to output the contents of the corresponding con-
nection memory instead of the data which has
been stored in data memory.
- to output the sequence of the pseudo random
sequence generator on an output time slot: a
pseudo random sequence can be inserted in one
or several time slots (hyperchannel) of the same
Output TDM ; this insertion must be enabled by
the microprocessor in the configuration register
of the matrix.
- to define the source of a sequenceby the pseudo
random sequence analyzer: a pseudo random
sequence can be extracted from one or several
time slots (hyperchannel)of the same Input TDM
and routed to the analyzer; this extraction can be
enabled by the microprocessor in the configura-
tion register of the matrix (SMCR).
- to assert a high impedance level on an output
time slot (disconnection).
- to deliver a programmable 256-bit sequence dur-
ing 125 microsecondson the Programmable syn-
chronization Signal pin (PSS).
III.1.6.2 - Access to Connection Memory
Supposing that the Switching Matrix Configuration
Register (SMCR) has been already written by the
microprocessor, it is possible to access to the con-
nection memory from microprocessor with the help
of two registers :
- Connection Memory Data Register (CMDR) and
- Connection Memory Address Register (CMAR).
III.1.6.3 - Access to Data Memory
To extract the contents of the data memory it is
possible to read the data memory from microproc-
essor with the help of the two registers :
- Connection Memory Data Register (CMDR) and
- Connection Memory Address Register (CMAR).
III.1.6.4 - Switching at 32 Kbit/s
Four TDMs can be programmed individually to
carry 64 channels at 32 Kbit/s (only if these TDMs
are at 2 Mbit/s).
Two bits (SW0/1) located in SMCR define the type
of channels of two couples of TDMs.
SW0 defines TDM0 and TDM4 (GCI0) and SW1
defines TDM1 and TDM5 (GCI1). If TDM0 or/and
TDM1 carry 64 channels at 32 Kbit/s then TDM2
or/and TDM3 are not available externally they are
used internally to perform the function.
Downstream switching at 32 kb/s on page 22.
Upstream switching at 32 kb/s on page 23.
III.1.6.5 - Switching at 16 kbit/s
The TDM4 and TDM5 can be GCI multipexes.Each
GCI multipexcomprises 8 GCI channels.Each GCI
channel comprises one D channel at 16 Kbit/s.See
GCI channel definition GCI Synchro signal deliv-
ered by the Multi-HDLC on page 30.
It is possibleto switch the contentsof 16 D channels
from the 16 GCI channels to 4 timeslots of the 256
output timeslots.
In the other direction the contents of an selected
timeslot is automatically switched to 4 D channels
at 16 Kbit/s.
See Connection Memory Data Register CMDR
(0E)H on page 74
III - FUNCTIONAL DESCRIPTION (continued)
STLC5465B
21/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com