Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5465B Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 31Page - STMicroelectronics STLC5465B Datasheet HTML 32Page - STMicroelectronics STLC5465B Datasheet HTML 33Page - STMicroelectronics STLC5465B Datasheet HTML 34Page - STMicroelectronics STLC5465B Datasheet HTML 35Page - STMicroelectronics STLC5465B Datasheet HTML 36Page - STMicroelectronics STLC5465B Datasheet HTML 37Page - STMicroelectronics STLC5465B Datasheet HTML 38Page - STMicroelectronics STLC5465B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
III.4.2 - Exchange with the shared memory
A Fetch Buffer located in the microprocessor inter-
face allows to reduce the shared memory access
cycle for the microprocessor.
It is used whatevermicroprocessor selectedthanks
to MOD0/2 pins.
This Fetch Buffer consists of one Write FIFO and
four Read Fetch Memories.
III.4.2.1 - Write FIFO
When the microprocessor delivers the address
word named An to write data named [An] in the
shared memory in fact it writes data [An] and
addressword An in the Write FIFO (Deep 4 words).
If An is in Fetch Memory, [An] is removed in Fetch
Memory.
The number of wait cycles for the microprocessor
is strongly reduced.
III.4.2.2 - Read Fetch Memory
When the microprocessor delivers the address
word named An to read data named [An] out of the
shared memory in fact it reads data [An] from one
of four Read Fetch Memories.
The number of wait cycle for the microprocessor is
strongly reduced and can reach zero when An,
addressword delivered by the microprocessor, and
data [An] is already in the Read Fetch Memory and
validated.
The source of [An] is truly the shared memory
whatever An.
III.4.3 - Definition of the Interface for the differ-
ent microprocessors
The signals connected to the microprocessor inter-
face are presented on the following figures for the
different microprocessor.
Shared memory
To shared memory
From shared memory
Write FIFO
An, [An]
microprocessor
interface
Read Fetch
Memory
Four
Fetch Memories
An, [An]
An+1, [An+1]
An+2, [An+2]
An+3, [An+3]
From microprocessor
To microprocessor
Microprocessor
Figure 17.1: Write FIFO and Fetch Memories.
STLC5465B
35/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com