Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5465B Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC5465B
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5465B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC5465B Datasheet HTML 30Page - STMicroelectronics STLC5465B Datasheet HTML 31Page - STMicroelectronics STLC5465B Datasheet HTML 32Page - STMicroelectronics STLC5465B Datasheet HTML 33Page - STMicroelectronics STLC5465B Datasheet HTML 34Page - STMicroelectronics STLC5465B Datasheet HTML 35Page - STMicroelectronics STLC5465B Datasheet HTML 36Page - STMicroelectronics STLC5465B Datasheet HTML 37Page - STMicroelectronics STLC5465B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
III.4 - Microprocessor Interface
III.4.1 - Description
The
Multi-HDLC circuit can be controlledby several
types of microprocessors (ST9, Intel/Motorola 8 or
16 data bits interfaces) such as :
- ST9 family
- INTEL 80C188 8 bits
- INTEL 80C186 16 bits
- MOTOROLA 68000 16 bits
- MOTOROLA 68020 16/32 bits
- ST10 family
During the initialization of the
Multi-HDLC circuit,
the microprocessor interface is informedof the type
of microprocessor that is connectedby polarisation
of three external pins MOD 0/2).
Two chip Select (CS0/1)pins are provided.CS0 will
select the internal registers and CS1 the external
memory.
Table 14 : Microprocessor Interface Selection
MOD2
Pin
MOD1
Pin
MOD0
Pin
Microprocessor
0
1
1
80C188
1
1
1
80C186
1
0
0
68000
0
0
0
68020
001
ST9
1
0
1
ST10 A/D multiplexed
1
1
0
ST10 A/D not multiplexed
0
1
0
Reserved
TDM 0, 2
if PCM
at 4 Mb/ s
GCI side
DOUT4/5
DESCRAMBLER
up to 32
SWITCHING
MATRIX
TX MON
controller
up to 16
primitives
C/I interrupt Queue
located in shared memory
Microprocessor
AIS
Detection
up to 16
ISDN channels
Interrupt controller
TX C/I
controller
up to 16
primitives
SCR
A, E, S1 to S4
B1, B2
by timeslot
Extension RX
C/I controller
up to 16
ISDN channels
B1, B2
D
A, E, MON
C/I
B1, B2
(16 bits)
Figure 17: From ISDN channels to GCI Channels
III - FUNCTIONAL DESCRIPTION (continued)
STLC5465B
34/101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com