Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5466 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 73Page - STMicroelectronics STLC5466 Datasheet HTML 74Page - STMicroelectronics STLC5466 Datasheet HTML 75Page - STMicroelectronics STLC5466 Datasheet HTML 76Page - STMicroelectronics STLC5466 Datasheet HTML 77Page - STMicroelectronics STLC5466 Datasheet HTML 78Page - STMicroelectronics STLC5466 Datasheet HTML 79Page - STMicroelectronics STLC5466 Datasheet HTML 80Page - STMicroelectronics STLC5466 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
77/130
STLC5466
VII.5.2 - Receive Command / Indicate Interrupt when TSV = 1
Time Stamping validated (bit of GCR Register)
These two words are located in the Command/Indicate interrupt queue; IQSR Register indicates the size
of this interrupt queue located in the external memory.
VII.6 - Receive Monitor Interrupt
VII.6.1 - Receive Monitor Interrupt when TSV = 0
TSV: Time Stamping not Validated (bit of GCR Register)
These two words are transferred into the Monitor interrupt queue; IQSR Register indicates the size of this
interrupt queue located in the external memory.
bit15
bit8
bit7
bit 0
NS
Nu
Nu
Nu
G0
A2
A1
A0
Nu
Nu
C6
C5
C4
C3
C2
C1
T15
T14
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the NS
bit:
if NS = 0, the Interrupt Controller puts this bit at ‘1’ when it writes the new primitive which has
been received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
When the microprocessor has read the status word, it puts this bit at ‘0’ to acknowledge the new
status. This location becomes free for the Interrupt Controller.
G0
: G0 = 0, GCI 0 corresponding to DIN4 input and DOUT4 output.
G0 = 1, GCI 1 corresponding to DIN5 input and DOUT5 output.
A2/0
: COMMAND/INDICATE Channel 0 to 7 being owned by GCI 0 or GCI 1
C6/1
: New Primitive received twice consecutively
T15/0 : Binary counter value when a new primitive is occurred.
bit15
bit8
bit7
bit 0
NS
G0
A2
A1
A0
ODD
A
F
L
M18
M17
M16
M15
M14
M13
M12
M11
M8
M7
M6
M5
M4
M3
M2
M1
NS
: New Status.
Before writing the features of event in the external memory the Interrupt Controller reads the NS
bit:
if NS = 0, the Interrupt Controller stores two new bytes M1/8 and M11/18 then puts NS bit at ‘1’
when it writes the status of these two bytes which has been received.
if NS = 1, the Interrupt Controller puts ICOV bit at ‘1’ to generate an interrupt (IR Register).
G0
: G0 = 0, GCI 0 corresponding to DIN4 input and DOUT4 output.
G0 = 1, GCI 1 corresponding to DIN5 input and DOUT5 output.
L
: Last byte
L=1, two cases:
if ODD = 1, the following word of the Interrupt Queue contains the Last byte of message.
if ODD =0, the Last byte of message has been stored at the previous access of the Interrupt
Queue (concerning this channel).
L=0, the following word and the previous word does not contain the Last byte of message.
F: First byte
F=1, the following word contains the First byte of message.
F=0, the following word does not contain the First byte of message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com