Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5466 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 76Page - STMicroelectronics STLC5466 Datasheet HTML 77Page - STMicroelectronics STLC5466 Datasheet HTML 78Page - STMicroelectronics STLC5466 Datasheet HTML 79Page - STMicroelectronics STLC5466 Datasheet HTML 80Page - STMicroelectronics STLC5466 Datasheet HTML 81Page - STMicroelectronics STLC5466 Datasheet HTML 82Page - STMicroelectronics STLC5466 Datasheet HTML 83Page - STMicroelectronics STLC5466 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
STLC5466
80/130
IX - FIGURES and TIMING
SEE FOLLOWING DOCUMENT
These FIGURES must be located in the following paragraphs:
Figure 1-1:
MHDLC Block diagram
in paragraph II
Figure 1-2:
Variable delay through the matrix with ITDM=1
in paragraph III 5.1
Figure 1-3:
Variable delay through the matrix with ITDM=0
in paragraph III 5.1
Figure 1-4:
Constant delay through the matrix with SI=1
in paragraph III 5.1
Figure 1-5:
Downstream switching at 32 kb/s
in paragraph III 1.7
Figure 1-6:
Upstream switching at 32 kb/s
in paragraph III 1.7
Figure 1-7:
Upstream and downstream switching at 16 Kbit/s
in paragraph III 1.8
Figure 1-8:
D,C/I and Monitor channel path
in paragraph III 3.3
Figure 1-9:
GCI channel to/from ISDN channel
in paragraph III 5
Figure 1-10:
From GCI channels to ISDN channels
in paragraph III 5
Figure 1-11:
From ISDN channels to GCI channels
in paragraph III 5
Figure 1-12:
Multi-HDLC connected to mP with multiplexed buses in paragraph III 6.2.3
Figure 1-13:
Multi-HDLC connected to mP with non multiplexed buses in paragraph III 6.2.3
Figure 1-14:
Microprocessor interface for INTEL 80C188
in paragraph III 6.2.3
Figure 1-15:
Microprocessor interface for INTEL 80C186
in paragraph III 6.2.3
Figure 1-16:
Microprocessor interface for MOROLA 68000
in paragraph III 6.2.3
Figure 1-17:
Microprocessor interface for MOROLA 68020
in paragraph III 6.2.3
Figure 1-18:
Microprocessor interface for ST9
in paragraph III 6.2.3
Figure 1-19:
Microprocessor interface for INTEL 386EX
in paragraph III 6.2.3
Figure 1-20:
Ex1; different clocks for Multi-HDLC and mP
in paragraph III 6.2.3
Figure 1-21:
Ex2; synchronous clock for Multi-HDLC and mP
in paragraph III 6.2.3
Figure 1-22:
4Mx16 SDRAM memory organisation
in paragraph III 7.4.1
Figure 1-23:
First example, 8Mx16 SDRAM memory organisation
in paragraph III 7.4.2
Figure 1-24:
Second example, 8Mx16 SDRAM memory organisation in paragraph III 7.4.3
Figure 1-25:
Third example, 8Mx16 SDRAM memory organisation in paragraph III 7.4.4
Figure 1-26:
Chain of n Multi-HDLC components
in paragraph III 8
Figure 1-27:
MHDLC clock generation
in paragraph III 9.1
Figure 1-28:
VCXO frequency synchronization
in paragraph III 9.2
Figure 1-29:
The three circular interrupt memories
in paragraph III 10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com