Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5466 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 29Page - STMicroelectronics STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics STLC5466 Datasheet HTML 33Page - STMicroelectronics STLC5466 Datasheet HTML 34Page - STMicroelectronics STLC5466 Datasheet HTML 35Page - STMicroelectronics STLC5466 Datasheet HTML 36Page - STMicroelectronics STLC5466 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
33/130
STLC5466
VI.3 - Input Multiplex Configuration Register 0
IMCR0 (04)H
See definition in next Paragraph.
AFAB
: Advanced Frame A/B Signal
AFAB = 1, the advance of FRAMEA Signal and FRAMEB Signal is 0.5 bit time versus the signal
FRAMEA (or B).
AFAB = 0, FRAMEA Signal and FRAMEB Signal are in accordance with the clock timing.
MBL
: Memory Bus Low impedance
MBL = 1, the shared memory bus is at low impedance between two memory cycles and also at
low impedance during a memory cycle.
The memory bus includes Control bus, Address bus except Data bus. One Multi-HDLC can be
connected to the shared memory. 16 pull-up resistors must be connected on the data bus.
MBL = 0, the shared memory bus is at high impedance between two memory cycles and at
low impedance during a write memory cycle.
Several Multi-HDLCs can be connected to the shared memory. One pull-up resistor is recom-
mended on each wire (Control bus, Address bus, Data bus).
SBV
: Six Bit Validation (A, E, S1/S4 bits). Global validation for 16 channels (Upstream and down-
stream).
SBV=1, in reception, the six bit word (A, E, S1/S4) located in the same timeslot as D channel
can be received from any input timeslot; when this word is received identical twice consecutive-
ly, it is stored in the external shared memory and an interrupt is generated if not masked (like
the reception of primitive from C/I channel).
Sixteen independent detections are performed if the contents of any input timeslot is switched
in the timeslot 4n+3 of two GCI multiplexes (corresponding to DOUT4 and DOUT5) with (0
≤ n
≤ 7). Only the contents of D channel will be transmitted from input timeslot to GCI multiplexes.
In transmission a six bit word (A, E, S1/S4) can be transmitted continuously to any output times-
lot via the TCIR. This word (A, E, S1/S4) is set instead of primitive (C1, C2, C3, C4) and A, E
bits received from the timeslot 4n+3 of two GCI multiplexes and the new contents of this timeslot
4n+3 must be switched on the selected output timeslot.
SBV=0, the 16 six bit detections are not validated.
bit15
bit8
bit7
bit0
LP3
DEL3 ST(3)1 ST(3)0 LP2
DEL2 ST(2)1 ST(2)0 LP1 DEL1 ST(1)1 ST(1)0 LP0 DEL0 ST(0)1 ST(0)0
After reset (0000)H
.
During the whole of cycle duration
On the outside of cycle
MBL
Bus
Write cycle
Read cycle
1
A, C
L
L
L
DL
Z
Z
0
A, C
L
L
Z
DL
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com