Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5466 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 24Page - STMicroelectronics STLC5466 Datasheet HTML 25Page - STMicroelectronics STLC5466 Datasheet HTML 26Page - STMicroelectronics STLC5466 Datasheet HTML 27Page - STMicroelectronics STLC5466 Datasheet HTML 28Page - STMicroelectronics STLC5466 Datasheet HTML 29Page - STMicroelectronics STLC5466 Datasheet HTML 30Page - STMicroelectronics STLC5466 Datasheet HTML 31Page - STMicroelectronics STLC5466 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
STLC5466
28/130
pull-up and pull-down characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ipu
pull-up current
Vi = 0V (Note5)
-25
-66
-125
µA
Ipd
pull-down current
Vi = Vdd (Note5)
+25
+66
+125
uA
Ipd
pull-down current
Vi = 5V (Note5)
+25
+66
+125
uA
Rpu
Equivalent pull-up resistance
Vi = 0V
50
KOhm
Rpd
Equivalent pull-down resistance
Vi = Vdd
50
KOhm
Rpd
Equivalent pull-down resistance
Vi = 5V (Note6)
76
KOhm
Note5
Min condition: Vdd = 3.0V, 85 degrees C.
Max condition: Vdd = 3.6V, -40 degrees C.
Note6
For 5V tolerant buffers
General interface Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
P
Power Dissipation
VDD=3.3 Volts;
MCLK=66MHz
350
450
mW
Cin
Input capacitance
Freq = 1MHz@0V (Note6)
2
4
pF
Cout
Output capacitance
(Note7)4
pF
C i/o
Bidir I/O capacitance
(Note7)4
8
pF
VESD
Electrostatic Protection
C = 100pF, R = 1.5k
Ω
2000
V
Note7
Excluding package (TQFP176, add 1.9pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com