Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5466 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 14Page - STMicroelectronics STLC5466 Datasheet HTML 15Page - STMicroelectronics STLC5466 Datasheet HTML 16Page - STMicroelectronics STLC5466 Datasheet HTML 17Page - STMicroelectronics STLC5466 Datasheet HTML 18Page - STMicroelectronics STLC5466 Datasheet HTML 19Page - STMicroelectronics STLC5466 Datasheet HTML 20Page - STMicroelectronics STLC5466 Datasheet HTML 21Page - STMicroelectronics STLC5466 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
STLC5466
18/130
- DIN 9 or the output 6 of the matrix for the sec-
ond Time Slot Assigner.
– Its bit rate and concerned bits (4kbit/s to 64kbit/
s). 4kbit/s correspond to one bit transmitted
each two frames. This bit is repeated twice in
transmission. This bit must be present in two
consecutive frames in reception.
– Its destination for the first Time Slot Assigner:
- direct output on DOUT6
- direct output on DOUT6 and on the Contention
Bus (CB1)
- on another OTDM via input 7 of the matrix and
on the Contention Bus (CB1)
– Its destination for the second Time Slot Assign-
er:
- direct output on DOUT7
- direct output on DOUT7 and on the Contention
Bus (CB2)
- on another OTDM via input 6 of the matrix and
on the Contention Bus (CB2)
III.2.4 - Data Storage Structure
Data associated with each Rx and Tx HDLC chan-
nel is stored in external memory; The data trans-
fers between the HDLC controllers and memory
are ensured by 2*32 DMAC (Direct Memory Ac-
cess Controller) in reception and 2*32 DMAC in
transmission.
The storage structure chosen in both directions is
composed of one circular queue of buffers per
channel. In such a queue, each data buffer is
pointed to by a Descriptor located in external
memory too. The main information contained in
the Descriptor is the address of the Data Buffer, its
length and the address of the next Descriptor; so
the descriptors can be linked together.
This structure allows to:
– Store receive frames of variable and unknown
length
– Read transmit frames stored in external memory
by the host
– Easily perform the frame relay function.
III.2.4.1 - Reception
At the initialization of the application, the host has
to prepare two Initialization Block registers. Each
Initialization Block located in shared memory con-
tains the first receive buffer descriptor address for
each channel, and the receive circular queues. At
the opening of a receive channel, the DMA con-
troller reads the address of the first buffer descrip-
tor
corresponding
to
this
channel
in
the
initialization Block. Then, the data transfer can oc-
cur without intervention of the processor.
A new HDLC frame always begins in a new buffer.
A long frame can be split between several buffers
if the buffer size is not sufficient. All the information
concerning the frame and its location in the circu-
lar queue is included in the Receive Buffer De-
scriptor:
– The Receive Buffer Address (RBA),
– The size of the receive buffer (SOB),
– The number of bytes written into the buffer
(NBR),
– The Next Receive Descriptor Address (NRDA),
– The status concerning the receive frame,
– The control of the queue.
III.2.4.2 - Transmission
In transmission, the data is managed by a similar
structure as in reception
By the same way, a frame can be split up between
consecutive transmit buffers.
The main information contained in the Transmit
Descriptor are:
– transmit buffer address (TBA),
– number of bytes to transmit (NBT) concerning
the buffer,
– next transmit descriptor address (NTDA),
– status of the frame after transmission,
– control bit of the queue,
– CSMA/CR priority (8 or 10).
III.2.4.3 - Frame Relay
The principle of the frame relay is to transmit a
frame which has been received without treatment.
A new heading is just added. This will be easily
achieved, taking into account that the queue struc-
ture allows the transmission of a frame split be-
tween several buffers.
III.2.5 - Transparent Modes
In the transparent mode, the
Multi-HDLC transmits
data in a completely transparent manner without
performing any bit manipulation or Flag insertion.
The transparent mode is per byte function; the
channel used for this mode is n*64kb/s mandato-
ry.
Two transparent modes are offered:
– First mode: for the receive channels, the Multi-
HDLC continuously writes received bytes (from
the received timeslot) into the external memory
as specified in the current receive descriptor
without taking into account the Fill Character
Register.
– Second mode: the Fill Character Register spec-
ifies the “fill character” which must be taken into
account. In reception, the “fill character” is de-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com