Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS48F4400PCZ00 Datasheet(PDF) 56 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 56 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 52Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 53Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 54Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 55Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 56Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 57Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 58Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 59Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
56
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
output on valid CLK edges following a minimum delay. However, for a synchronous non-
array read, the same word of data will be output on successive clock edges until the
burst length requirements are satisfied. See During synchronous read operations, WAIT
indicates invalid data when asserted, and valid data when deasserted with respect to a
valid clock edge. See Section 7.0, “AC Characteristics” on page 26 for additional details.
10.3
Read Array
The Read Array command places (or resets) the partition in read-array mode and is
used to read data from the flash memory array. Upon initial device power-up, or after
reset (RST# transitions from VIL to VIH), all partitions default to asynchronous read-
array mode. To read array data from the flash device, first write the Read Array
command (FFh) to the CUI and specify the desired word address. Then read from that
address. If a partition is already in read-array mode, issuing the Read Array command
is not required to read from that partition.
If the Read Array command is written to a partition that is erasing or programming, the
device presents invalid data on the bus until the program or erase operation completes.
After the program or erase finishes in that partition, valid array data can then be read.
If an Erase Suspend or Program Suspend command suspends the WSM, a subsequent
Read Array command places the addressed partition in read-array mode. The Read
Array command functions independently of VPP.
10.4
Read Identifier
The Read Identifier mode outputs the manufacturer/device identifier, block lock status,
protection register codes, and Configuration Register data. The identifier information is
contained within a separate memory space on the device and can be accessed along
the 4-Mbit partition address range supplied by the Read Identifier command (90h)
address. Reads from addresses in Table 24 retrieve ID information. Issuing a Read
Identifier command to a partition that is programming or erasing places that partition’s
outputs in read ID mode while the partition continues to program or erase in the
background.
Table 24: Device Identification Codes (Sheet 1 of 2)
Item
Address1
Data
Description
Base
Offset
Manufacturer ID
Partition
00h
0089h
Numonyx
Device ID
Partition
01h
8862h
32-Mbit, Top Parameter Device
8863h
32-Mbit, Bottom Parameter Device
8864h
64-Mbit, Top Parameter Device
8865h
64-Mbit, Bottom Parameter Device
8866h
128-Mbit, Top Parameter Device
8867h
128-Mbit, Bottom Parameter Device
Block Lock Status(2)
Block
02h
D0 = 0
Block is unlocked
D0 = 1
Block is locked
Block Lock-Down Status(2)
Block
02h
D1 = 0
Block is not locked-down
D1 = 1
Block is locked down
Configuration Register
Partition
05h
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com