Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS48F4400PCZ00 Datasheet(PDF) 82 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 82 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 78Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 79Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 80Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 81Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 82Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 83Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 84Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 85Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 86Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
82
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
14.5
Data Hold (RCR[9])
The Data Output Configuration (DOC) bit (RCR[9]) determines whether a data word
remains valid on the data bus for one or two clock cycles. The processor’s minimum
data set-up time and the flash memory’s clock-to-data output delay determine whether
one or two clocks are needed.
A DOC set at 1-clock data hold corresponds to a 1-clock data cycle; a DOC set at 2-
clock data hold corresponds to a 2-clock data cycle. The setting of this configuration bit
depends on the system and CPU characteristics. For clarification, see Figure 39, “Data
Output Configuration with WAIT Signal Delay” on page 83.
A method for determining this configuration setting is shown below.
To set the device at 1-clock data hold for subsequent reads, the following condition
must be satisfied:
tCHQV (ns) + tDATA (ns) ≤ One CLK Period (ns)
As an example, use a clock frequency of 66 MHz and a clock period of 15 ns. Assume
the data output hold time is one clock. Apply this data to the formula above for the
subsequent reads:
11 ns + 4 ns ≤ 15 ns
This equation is satisfied, and data output will be available and valid at every clock
period. If tDATA is long, hold for two cycles.
During page-mode reads, the initial access time can be determined by the formula:
tADD-DELAY (ns) + tDATA (ns) + tAVQV (ns)
Subsequent reads in page mode are defined by:
tAPA (ns) + tDATA (ns)
(minimum time)
Table 34: WAIT Signal Conditions
CONDITION
WAIT
CE# = VIH
CE# = VIL
Tri-State
Active
OE#
No-Effect
Synchronous Array Read
Active
Synchronous Non-Array Read
Asserted
All Asynchronous Read and all Write
Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com