Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 53 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 49Page - STMicroelectronics LRIS2K Datasheet HTML 50Page - STMicroelectronics LRIS2K Datasheet HTML 51Page - STMicroelectronics LRIS2K Datasheet HTML 52Page - STMicroelectronics LRIS2K Datasheet HTML 53Page - STMicroelectronics LRIS2K Datasheet HTML 54Page - STMicroelectronics LRIS2K Datasheet HTML 55Page - STMicroelectronics LRIS2K Datasheet HTML 56Page - STMicroelectronics LRIS2K Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
LRIS2K
Timing definition
53/102
21
Timing definition
21.1
t1: LRIS2K response delay
Upon detection of the rising edge of the EOF received from the VCD, the LRIS2K waits for a
time t1nom before transmitting its response to a VCD request or before switching to the next
slot during an inventory process. Values of t1 are given in Table 26. The EOF is defined in
Figure 11 on page 25.
21.2
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or
more LRIS2K responses have been received during an Inventory command. It starts from
the reception of the EOF from the LRIS2Ks.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the LRIS2K.
t2 is also the time after which the VCD may send a new request to the LRIS2K as described
in Table 37: LRIS2K protocol timing.
Values of t2 are given in Table 26.
21.3
t3: VCD new request delay in the absence of a response from
the LRIS2K
t3 is the time after which the VCD may send an EOF to switch to the next slot when no
LRIS2K response has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the LRIS2K.
From the time the VCD has generated the rising edge of an EOF:
If this EOF is 100% modulated, the VCD waits a time at least equal to t3min before
sending a new EOF.
If this EOF is 10% modulated, the VCD waits a time at least equal to the sum of t3min +
the LRIS2K nominal response time (which depends on the LRIS2K data rate and
subcarrier modulation mode) before sending a new EOF.
Table 26.
Timing values(1)
1.
The tolerance of specific timings is ± 32/fC.
Minimum (min) values
Nominal (nom) values
Maximum (max) values
t1
318.6 µs
320.9 µs
323.3 µs
t2
309.2 µs
No tnom
No tmax
t3
t1max
(2) + t
SOF
(3)
2.
t1max does not apply for write alike requests. Timing conditions for write alike requests are defined in the
command description.
3.
tSOF is the time taken by the LRIS2K to transmit an SOF to the VCD. tSOF depends on the current data
rate: High data rate or Low data rate.
No tnom
No tmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com