Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 79 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 79 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 75Page - STMicroelectronics LRIS2K Datasheet HTML 76Page - STMicroelectronics LRIS2K Datasheet HTML 77Page - STMicroelectronics LRIS2K Datasheet HTML 78Page - STMicroelectronics LRIS2K Datasheet HTML 79Page - STMicroelectronics LRIS2K Datasheet HTML 80Page - STMicroelectronics LRIS2K Datasheet HTML 81Page - STMicroelectronics LRIS2K Datasheet HTML 82Page - STMicroelectronics LRIS2K Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
LRIS2K
Lock Password
79/102
38
Lock Password
On receiving the Lock Password command, the LRIS2K sets the access rights and
permanently locks the selected block. The Option_flag is supported.
RFU bit 8 of the request_flag is used to select either the memory area (bit 8 = ‘0’) or the
password area (bit 8 = ‘1’).
During the write cycle tW, there should be no modulation (neither 100% nor 10%) otherwise,
the LRIS2K may not correctly lock the memory block.
The tW time is equal to t1nom + 18 × 302 µs.
Request parameters:
(Optional) UID
Block number (bit 8 = ‘1’: 00h = Kill, 01h = Pswd1, 02h = Pswd2, 03h = Pswd3, other =
Error)
Protect status (refer to Table 73)
Response parameter:
No parameter.
Response parameter:
Error code as Error_flag is set:
10h: block address not available
11h: block is locked
14: block not locked
Table 72.
Lock Password request format
Request
SOF
Request
_flags
Lock
Password
IC Mfg
code
UID
Block
number
Protect
Status
CRC16
Request
EOF
8 bits
B2h
02h
64 bits
8 bits
8 bits
16 bits
Table 73.
Protect status
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
password control bits
Read / Write protection
bits
1
Table 74.
Lock Password response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 75.
Lock Password response format when Error_flag is set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com