Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 50 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 46Page - STMicroelectronics LRIS2K Datasheet HTML 47Page - STMicroelectronics LRIS2K Datasheet HTML 48Page - STMicroelectronics LRIS2K Datasheet HTML 49Page - STMicroelectronics LRIS2K Datasheet HTML 50Page - STMicroelectronics LRIS2K Datasheet HTML 51Page - STMicroelectronics LRIS2K Datasheet HTML 52Page - STMicroelectronics LRIS2K Datasheet HTML 53Page - STMicroelectronics LRIS2K Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
Explanation of the possible cases
LRIS2K
50/102
19
Explanation of the possible cases
Figure 40 summarizes the main possible cases that can occur during an anticollision
sequence when the slot number is 16.
The different steps are:
The VCD sends an Inventory request, in a frame terminated by an EOF. The number of
slots is 16.
LRIS2K 1 transmits its request in Slot 0. It is the only one to do so, therefore no collision
occurs and its UID is received and registered by the VCD;
The VCD sends an EOF in order to switch to the next slot.
In slot 1, two LRIS2Ks, LRIS2K 2 and LRIS2K 3 transmit a request, thus generating a
collision. The VCD records the event and remembers that a collision was detected in
Slot 1.
The VCD sends an EOF in order to switch to the next slot.
In Slot 2, no LRIS2K transmits a request. Therefore the VCD does not detect any
LRIS2K SOF and decides to switch to the next slot by sending an EOF.
In slot 3, there is another collision caused by requests from LRIS2K 4 and LRIS2K 5
The VCD then decides to send a request (for instance a Read Block) to LRIS2K 1
whose UID has already been correctly received.
All LRIS2Ks detect an SOF and exit the anticollision sequence. They process this
request and since the request is addressed to LRIS2K 1, only LRIS2K 1 transmits a
request.
All LRIS2Ks are ready to receive another request. If it is an Inventory command, the
slot numbering sequence restarts from 0.
Note:
The decision to interrupt the anticollision sequence is made by the VCD. It could have
continued to send EOFs until Slot 16 and only then sent the request to LRIS2K 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com