Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 70 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 70 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 66Page - STMicroelectronics LRIS2K Datasheet HTML 67Page - STMicroelectronics LRIS2K Datasheet HTML 68Page - STMicroelectronics LRIS2K Datasheet HTML 69Page - STMicroelectronics LRIS2K Datasheet HTML 70Page - STMicroelectronics LRIS2K Datasheet HTML 71Page - STMicroelectronics LRIS2K Datasheet HTML 72Page - STMicroelectronics LRIS2K Datasheet HTML 73Page - STMicroelectronics LRIS2K Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Lock DSFID
LRIS2K
70/102
33
Lock DSFID
On receiving the Lock DSFID request, the LRIS2K locks the DSFID value permanently. The
Option_flag is supported.
During the write cycle tW, there should be no modulation (neither 100% nor 10%).
Otherwise, the LRIS2K may not lock correctly the DSFID value in memory. The tW time is
equal to t1nom + 18 × 302 µs.
Request parameter:
UID (optional)
Response parameter:
No parameter.
Response parameter:
Error code as Error_flag is set:
11h: block is locked
14h: block not locked
Table 56.
Lock DSFID request format
Request
SOF
Request_
flags
Lock
DSFID
UID
CRC16
Request
EOF
8 bits
2Ah
64 bits
16 bits
Table 57.
Lock DSFID response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 58.
Lock DSFID response format when Error_flag is set
Response
SOF
Response_flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits
Figure 50.
Lock DSFID frame exchange between VCD and LRIS2K
VCD
SOF
Lock DSFID
request
EOF
LRIS2K
<-t1-> SOF
Lock DSFID
response
EOF
Lock sequence
when error
LRIS2K
<------------ tW ------------><- t1 -> SOF
Lock DSFID
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com