Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 38 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LRIS2K Datasheet HTML 34Page - STMicroelectronics LRIS2K Datasheet HTML 35Page - STMicroelectronics LRIS2K Datasheet HTML 36Page - STMicroelectronics LRIS2K Datasheet HTML 37Page - STMicroelectronics LRIS2K Datasheet HTML 38Page - STMicroelectronics LRIS2K Datasheet HTML 39Page - STMicroelectronics LRIS2K Datasheet HTML 40Page - STMicroelectronics LRIS2K Datasheet HTML 41Page - STMicroelectronics LRIS2K Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
LRIS2K protocol description
LRIS2K
38/102
12
LRIS2K protocol description
The Transmission protocol (or simply protocol) defines the mechanism used to exchange
instructions and data between the VCD and the LRIS2K, in both directions. It is based on
the concept of "VCD talks first".
This means that an LRIS2K will not start transmitting unless it has received and properly
decoded an instruction sent by the VCD. The protocol is based on an exchange of:
a request from the VCD to the LRIS2K
a response from the LRIS2K to the VCD
Each request and each request are contained in a frame. The frame delimiters (SOF, EOF)
are described in Section 8: LRIS2K to VCD frames.
Each request consists of:
a request SOF (see Figure 9 and Figure 10)
flags
a command code
parameters, depending on the command
application data
a 2-byte CRC
a request EOF (see Figure 11)
Each request consists of:
an Answer SOF (see Figure 24 to Figure 29)
flags
parameters, depending on the command
application data
a 2-byte CRC
an Answer EOF (see Figure 30 to Figure 35)
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight
(8), i.e. an integer number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is
transmitted least significant byte (LSByte) first, each byte is transmitted least significant bit
(LSBit) first.
The setting of the flags indicates the presence of the optional fields. When the flag is set (to
one), the field is present. When the flag is reset (to zero), the field is absent.
Table 14.
VCD request frame format
Request SOF Request_flags
Command
code
Parameters
Data
2-byte CRC
Request
EOF
Table 15.
LRIS2K response frame format
Response
SOF
Response
_flags
Parameters
Data
2-byte CRC
Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com