Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z32V Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z32V Datasheet HTML 4Page - STMicroelectronics M48Z32V Datasheet HTML 5Page - STMicroelectronics M48Z32V Datasheet HTML 6Page - STMicroelectronics M48Z32V Datasheet HTML 7Page - STMicroelectronics M48Z32V Datasheet HTML 8Page - STMicroelectronics M48Z32V Datasheet HTML 9Page - STMicroelectronics M48Z32V Datasheet HTML 10Page - STMicroelectronics M48Z32V Datasheet HTML 11Page - STMicroelectronics M48Z32V Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Operating modes
M48Z32V
8/19
Figure 4.
Read mode AC waveforms
Note:
WRITE Enable (W) = High.
Table 3.
Read mode AC characteristics
2.2
Write mode
The M48Z32V is in the WRITE Mode whenever W and E are low. The start of a WRITE is
referenced from the latter occurring falling edge of W or E. A WRITE is terminated by the
earlier rising edge of W or E. The addresses must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip Enable or tWHAX from WRITE Enable
prior to the initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX afterward. G should be kept high during
WRITE cycles to avoid bus contention; although, if the output bus has been activated by a
low on E and G, a low on W will disable the outputs tWLQZ after W falls.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; Vcc = 3.0 to 3.6V (except where noted).
M48Z32V
Unit
–35
Min
Max
tAVAV
READ cycle time
35
ns
tAVQV
Address valid to output valid
35
ns
tELQV
Chip enable low to output valid
35
ns
tGLQV
Output enable low to output valid
15
ns
tELQX
(2)
2.
CL = 5pf (see Figure 8 on page 16).
Chip enable low to output transition
5
ns
tGLQX
(2)
Output enable low to output transition
0
ns
tEHQZ
(2)
Chip enable high to output Hi-Z
13
ns
tGHQZ
(2)
Output enable high to output Hi-Z
13
ns
tAXQX
Address transition to output transition
5
0
ns
AI00925
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com