Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z32V Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48Z32V Datasheet HTML 10Page - STMicroelectronics M48Z32V Datasheet HTML 11Page - STMicroelectronics M48Z32V Datasheet HTML 12Page - STMicroelectronics M48Z32V Datasheet HTML 13Page - STMicroelectronics M48Z32V Datasheet HTML 14Page - STMicroelectronics M48Z32V Datasheet HTML 15Page - STMicroelectronics M48Z32V Datasheet HTML 16Page - STMicroelectronics M48Z32V Datasheet HTML 17Page - STMicroelectronics M48Z32V Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DC and AC parameters
M48Z32V
14/19
Table 9.
DC characteristics
Table 10.
Power down/up mode AC waveforms
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
IBAT
Battery current
TA = 40°C; VCC = 0V
VBAT = 3V
0.2
1.2
µA
ICC1
Supply current
IO = 0mA; Cycle Time = Min
E = 0.2V, other input =
VCC – 2V or 0.2V
45
mA
ICC2
Supply current (TTL standby)
E = VIH
800
µA
ICC3
Supply current (CMOS standby)
E = VCC – 0.2V
500
µA
VIL
(3)
3.
Negative spikes of –1V allowed for up to 10ns once per cycle.
Input low voltage
–0.3
0.8
V
VIH
Input high voltage
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1mA
0.4
V
VOH
Output high voltage
IOH = –1mA
0.8VCC
V
AI01168C
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com