Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z32V Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48Z32V Datasheet HTML 8Page - STMicroelectronics M48Z32V Datasheet HTML 9Page - STMicroelectronics M48Z32V Datasheet HTML 10Page - STMicroelectronics M48Z32V Datasheet HTML 11Page - STMicroelectronics M48Z32V Datasheet HTML 12Page - STMicroelectronics M48Z32V Datasheet HTML 13Page - STMicroelectronics M48Z32V Datasheet HTML 14Page - STMicroelectronics M48Z32V Datasheet HTML 15Page - STMicroelectronics M48Z32V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Maximum rating
M48Z32V
12/19
3
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 5.
Absolute maximum ratings
Caution:
Negative undershoots below –0.3V are not allowed on any pin while in the battery back-up
mode.
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
Grade 1
0 to 70
°C
TSTG
Storage temperature (VCC Off, Oscillator Off)
SOIC
–55 to 125
°C
TSLD
(1)
1.
For Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal budget not to exceed 245°C for
greater than 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltages
–0.3 to VCC + 0.3
V
VCC
Supply voltage
–0.3 to 4.6
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com