Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z32V Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z32V Datasheet HTML 7Page - STMicroelectronics M48Z32V Datasheet HTML 8Page - STMicroelectronics M48Z32V Datasheet HTML 9Page - STMicroelectronics M48Z32V Datasheet HTML 10Page - STMicroelectronics M48Z32V Datasheet HTML 11Page - STMicroelectronics M48Z32V Datasheet HTML 12Page - STMicroelectronics M48Z32V Datasheet HTML 13Page - STMicroelectronics M48Z32V Datasheet HTML 14Page - STMicroelectronics M48Z32V Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
M48Z32V
Operating modes
11/19
2.4
VCC noise and negative going transients
ICC transients, including those produced by output switching, can produce voltage
fluctuations, resulting in spikes on the VCC bus. These transients can be reduced if
capacitors are used to store energy which stabilizes the VCC bus. The energy stored in the
bypass capacitors will be released as low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic bypass capacitor value of 0.1µF (see Figure 7)
is recommended in order to provide the needed filtering.
In addition to transients that are caused by normal SRAM operation, power cycling can
generate negative voltage spikes on VCC that drive it to values below VSS by as much as
one volt. These negative spikes can cause data corruption in the SRAM while in battery
backup mode. To protect from these voltage spikes, ST recommends connecting a schottky
diode from VCC to VSS (cathode connected to VCC, anode to VSS). (Schottky diode 1N5817
is recommended for through hole and MBRS120T3 is recommended for surface mount).
Figure 7.
Supply voltage protection
AI02169
VCC
0.1
μF
DEVICE
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com