Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z32V Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48Z32V Datasheet HTML 9Page - STMicroelectronics M48Z32V Datasheet HTML 10Page - STMicroelectronics M48Z32V Datasheet HTML 11Page - STMicroelectronics M48Z32V Datasheet HTML 12Page - STMicroelectronics M48Z32V Datasheet HTML 13Page - STMicroelectronics M48Z32V Datasheet HTML 14Page - STMicroelectronics M48Z32V Datasheet HTML 15Page - STMicroelectronics M48Z32V Datasheet HTML 16Page - STMicroelectronics M48Z32V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M48Z32V
DC and AC parameters
13/19
4
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in Table 6:
Operating and AC measurement conditions. Designers should check that the operating
conditions in their projects match the measurement conditions when using the quoted
parameters.
Table 6.
Operating and AC measurement conditions
Table 7.
AC measurement load circuit
Table 8.
Capacitance
Parameter(1)
1.
Output Hi-Z is defined as the point where data is no longer driven.
M48Z32V
Unit
Supply voltage (VCC)
3.0 to 3.6
V
Ambient operating temperature (TA)
Grade 1
0 to 70
°C
Load Capacitance (CL)50
pF
Input rise and fall times
≤ 5ns
Input pulse voltages
0 to 3
V
Input and output timing ref. voltages
1.5
V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 3.3V; sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input capacitance
10
pF
CIO
(3)
3.
Outputs deselected.
Input / output capacitance
10
pF
AI04789
CL = 50pF or
5pF
CL includes JIG capacitance
645
Ω
DEVICE
UNDER
TEST
1.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com