Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 10Page - STMicroelectronics TDA7580_07 Datasheet HTML 11Page - STMicroelectronics TDA7580_07 Datasheet HTML 12Page - STMicroelectronics TDA7580_07 Datasheet HTML 13Page - STMicroelectronics TDA7580_07 Datasheet HTML 14Page - STMicroelectronics TDA7580_07 Datasheet HTML 15Page - STMicroelectronics TDA7580_07 Datasheet HTML 16Page - STMicroelectronics TDA7580_07 Datasheet HTML 17Page - STMicroelectronics TDA7580_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Block diagram and electrical specifications
TDA7580
14/39
2.2
Electrical characteristics
Table 6.
General interface electrical characteristics
(Tj =-40°C to 125°C; VDD=1.8V, VDD3= 3.3V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
lilh
Low level input current
I/Os@VDD3 (absolute value)
Vi = 0V
(1) (2) without pull-up-down
device
1
μA
lihh
High level input current
I/Os@VDD3 (absolute value)
Vi = VDD3
(1) (2) without pull-up-down
device
1
μA
lil
Low level input current
I/Os@VDD (absolute value)
Vi = 0V
(1) (3) (4) without pull-up-down
device
1
μA
lih
High level input current
I/Os@VDD (absolute value)
Vi = VDD
(1) (3) (4) without pull-up device
1
μA
Iipdh
Pull-down current I/Os @ VDD3
Vi = VDD3
(5) with pull-down device
35
60
85
μA
Iopuh
Pull-up current I/Os @ VDD3
Vi = 0V
(6) with pull-up device
-100
-70
-40
μA
Iopul
Pull-up current I/Os @ VDD
Vi = 0V
(3) with pull-up device
-40
-30
-20
μA
Iaihop
Analogue pin sunk / drawn current
on pin1
Vi = VDD3
0.95
1.25
1.55
mA
Vi = 0V
-6.25
-5.0
-3.75
mA
Iacm
Analogue pin sunk / drawn current
on pin 2
Vi = VDD3
6.0
8.0
10.0
mA
Vi = 0V
-10.0
-8.0
-6.0
mA
Iail
Analogue pin sunk / drawn current
on pin 3
Vi = VDD3
3.75
5.0
6.25
mA
Vi = 0V
-1.55 -1.25 -0.95
mA
Iain
Analogue pin sunk / drawn current
on pin 4 and pin 5
Vi = VDD3
24
32
40
μA
Vi = 0V
-40
-32
-24
μA
Iaih6
Analogue pin current on pin 6
Vo = 0V or VDD3
5
μA
Iaik
Analogue pin sunk / drawn current
on pin 15
Vi = VDD
0.8
1.2
1.6
mA
Vi = 0V (spec absolute value)
1
μA
Ioz
Tri-state output leakage
Vo = 0V or VDD3 without pull up / down
device (1)
1
μA
IozFT
5V tolerant tri-state output
leakage
Vo = 0V or VDD
(1)
1
μA
Vo = 5V
80
μA
Ilatchup
I/O latch up current
V < 0V, V > VDD
200
mA
Vesd
Electrostatic protection
Leakage, 1
μA
2000
V
1.
The leakage currents are generally very small, <1nA. The value given here, 1mA, is the maximum that can occur after an
electrostatic stress on the pin.
2.
On pins: 17 to 20, 23 to 26, 29 to 33, 36 to 39, 42 to 46, 49 to 52, 55 to 58.
3.
On pins: 13 and 14.
4.
Same check on the analogue pin 15 (physically without pull-up-down)
5.
On pins: 25, 26, 32, 49, 50, 55, 56
6.
On pins: 17 to 20, 23 to 24, 29 to 31, 33, 36 to 39, 42 to 46, 51, 52, 57, 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com