Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 27Page - STMicroelectronics TDA7580_07 Datasheet HTML 28Page - STMicroelectronics TDA7580_07 Datasheet HTML 29Page - STMicroelectronics TDA7580_07 Datasheet HTML 30Page - STMicroelectronics TDA7580_07 Datasheet HTML 31Page - STMicroelectronics TDA7580_07 Datasheet HTML 32Page - STMicroelectronics TDA7580_07 Datasheet HTML 33Page - STMicroelectronics TDA7580_07 Datasheet HTML 34Page - STMicroelectronics TDA7580_07 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
TDA7580
Functional description
31/39
system is the shift register and the read data buffer. The system is single buffered in the
transfer direction and double buffered in the receive direction.
8.8
High speed serial synchronous interface (HS3I)
The high speed serial synchronous interface is a module to send and receive data at high
rate (up to 9.25Mbit/s per channel) in order to exchange data between 2 separate TDA7580
chip.
The exchanged data are related to signals that are used to increase reception quality in car
radio systems, which make use of antenna diversity based upon two separate antenna and
tuner sections.
The channel synchronization clock has a programmable duty cycle, so to reduce in band
harmonics noise.
8.9
Tuner AGC keying DAC (KEYDAC)
This DAC provides the front-end tuner with an analogue signal to be used to control the
automatic gain controlled stage, thus giving all time the best voltage dynamic range at the
IFADC input.
8.10
Asynchronous sample rate converter (ASRC)
This hardware module provides a very flexible way to adapt the internal audio rate, to the
one of an external source. It does not require further work off the DSP.
There is no need to explicitly configure the input and the output sample rates, as the ASRC
solves this problem with an automatic digital ratio locked loop.
Main features are:
●
Automatic tracking of sample frequency
●
Fully digital ratio locked loop
●
Sampling clock jitter rejection
●
Up conversion up to 1:2 Ratio
●
Linear phase
8.11
IF band pass
Σ Δ analogue to digital converter (IFADC)
The IFADC is a band pass Sigma Delta A to D converter with sampling rate of 37.05MHz
(nominal) and notch frequency of 10.7MHz. The structure is a second order switched
capacitor multi bit modulator with self calibration algorithm to adjust the notch frequency.
The differential ended input allows 4.0Vpp voltage dynamic range, and reduces the inferred
noise back to the previous stage (tuner), and in turn gives high rejection to common mode
noises.
The high linearity (very high IMD) is needed to fulfill good response of the channel
equalization algorithm.
Low thermal and 1/f noise assures high dynamic range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com