Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 29Page - STMicroelectronics TDA7580_07 Datasheet HTML 30Page - STMicroelectronics TDA7580_07 Datasheet HTML 31Page - STMicroelectronics TDA7580_07 Datasheet HTML 32Page - STMicroelectronics TDA7580_07 Datasheet HTML 33Page - STMicroelectronics TDA7580_07 Datasheet HTML 34Page - STMicroelectronics TDA7580_07 Datasheet HTML 35Page - STMicroelectronics TDA7580_07 Datasheet HTML 36Page - STMicroelectronics TDA7580_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
TDA7580
Application diagrams
33/39
9
Application diagrams
Figure 17.
Radio mode with external slave audio DAC
In this mode an external slave stereo DAC, like the ST TDA7535, can be easily connected
and the TDA7580 outputs the audio from radio station at 36kHz rate.
Figure 18.
Radio mode with external master audio device
An external digital audio device is connected externally as a digital audio master, and the
internal TDA7580 sample rate converter is responsible for the conversion from internal
36kHz to the external audio rate.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
TST3_LRCKR
45
TST2_SCKR
44
LRCK_LRCKT
43
SCLK_SCKT
42
SDO0
41
40
39
TST1_SDI1
38
TST4_SDI0
37
GPIO_SDO1
36
35
34
33
1
2
3
4
8
7
6
5
TDA7580
TDA7535
Dual DAC
Fs=36kHz
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
TST3_LRCKR
45
TST2_SCKR
44
LRCK_LRCKT
43
SCLK_SCKT
42
SDO0
41
40
39
TST1_SDI1
38
TST4_SDI0
37
GPIO_SDO1
36
35
34
33
1
2
3
4
TDA7580
External Audio Receiver
Fs
with its owned audio rate Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com