Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 15Page - STMicroelectronics TDA7580_07 Datasheet HTML 16Page - STMicroelectronics TDA7580_07 Datasheet HTML 17Page - STMicroelectronics TDA7580_07 Datasheet HTML 18Page - STMicroelectronics TDA7580_07 Datasheet HTML 19Page - STMicroelectronics TDA7580_07 Datasheet HTML 20Page - STMicroelectronics TDA7580_07 Datasheet HTML 21Page - STMicroelectronics TDA7580_07 Datasheet HTML 22Page - STMicroelectronics TDA7580_07 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TDA7580
Block diagram and electrical specifications
19/39
Table 16.
SPI and I2C timing table
(Tj =-40°C to 125°C; VDD =1.7V to 1.9V, VDD3 = 3.15V to 3.45V)
Timing
Description
Min
Typ
Max
Unit
tvdd3
Rise time of 3.3V supply
1
13
25
ms
tvdd
Rise time of 1.8V supply
1
6
10
ms
tint
Maximux delay for INT signal
-
-
1
ms
treson
Minimum RESETN hold time at 0 after the start-up
40
-
-
ms
trsu
Minimum data set-up time
250
μs
trhd
Minimum data hold time
250
μs
tseq
Minimum wait time including boot
4
ms
tsw
Minimum wait time before downloading the program software
30
μs
ttun
Minimum wait time before downloading the software to the FE
1
μs
tdat
Minimum wait time before using interface protocols
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com