Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 11Page - STMicroelectronics TDA7580_07 Datasheet HTML 12Page - STMicroelectronics TDA7580_07 Datasheet HTML 13Page - STMicroelectronics TDA7580_07 Datasheet HTML 14Page - STMicroelectronics TDA7580_07 Datasheet HTML 15Page - STMicroelectronics TDA7580_07 Datasheet HTML 16Page - STMicroelectronics TDA7580_07 Datasheet HTML 17Page - STMicroelectronics TDA7580_07 Datasheet HTML 18Page - STMicroelectronics TDA7580_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TDA7580
Block diagram and electrical specifications
15/39
Note:
74.1MHz internal DSP clock, at Tamb = 25°C. Current due to external loads not included.
Table 7.
Low voltage interface CMOS DC electrical characteristics
(Tj =-40°C to 125°C; VDD3= 3.3V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vil
Low level input voltage
1.70V
<=V
DD<=1.90V
0.2*VDD
V
Vih
High level input voltage
1.70V
<=V
DD<=1.90V
0.8*VDD
V
Vol
Low level output voltage
Iol = 4mA
(1)
0.15
V
Voh
High level output voltage
Iol = -4mA
(1)
VDD-0,15
V
1.
It is the source/sink current under worst case conditions and reflects the name of the I/O cell according to the drive
capability.
Table 8.
High voltage CMOS interface DC electrical characteristics
(Tj =-40°C to 125°C; VDD=1.8V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vil
Low level input voltage
3.15V
<=V
DD3<=3.45V
0.8
V
Vih
High level input voltage
3.15V
<=V
DD3<=3.45V
2.0
V
Vol
Low level output voltage
Iol = XmA
(1) (2)
0.15
V
Voh
High level output voltage
Iol = -XmA
(1) (2)
VDD3-0.15
V
1.
It is the source/sink current under worst case conditions & reflects the name of the I/O cell according to the drive capability
2.
X=4mA for pins 17 to 20, 29, 30, 32, 37 to 39, 42 to 46; X=8mA for pins 23 to 26, 49 to 52, 55 to 58.
Table 9.
Current consumption (Tj =-40°C to 125°C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IDD
Current through VDD power supply
VDD=1.8V,VDD3=3.3V
All digital blocks working
120
150
mA
IDDHdc
Static current through VDDH power
supply
VDD=1.8V,VDD3=3.3V
10
13
16
mA
IDDHac
Current through VDDH power supply
VDD=1.8V,VDD3=3.3V
I/Os working with 5pF load
50
mA
ISD
Current through VSD power supply
VDD=1.8V,VDD3=3.3V
25
35
45
mA
IOSCdc
Current through VOSC power supply
VDD=1.8V,VDD3=3.3V
without quartz
5.5
8
10.5
mA
IOSCac
Current through VOSC power supply
VDD=1.8V,VDD3=3.3V
with quartz
6.5
9
11.5
mA
IMTR
Current through VMTR power supply
VDD=1.8V,VDD3=3.3V
0.5
1.3
2.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com