Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X23TAY Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8AP5X23TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X23TAY Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8AP5X23TAY Datasheet HTML 52Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 53Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 54Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 55Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 56Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 57Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 58Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 59Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Electrical characteristics
STM8AF61xx, STM8AF51xx
56/100
Table 15.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD power lines (source)
(1)(2)
1.
All power (VDD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be connected to the
external supply.
2.
The total limit applies to the sum of operation and injected currents.
60
mA
IVSS
Total current out of VSS ground lines (sink)
(1)(2)
60
IIO
Output current sunk by any I/O and control pin
20
Output current source by any I/Os and control pin
- 20
IINJ(PIN)
(3)
3.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-drain
pads, there is no positive injection current allowed and the corresponding VIN maximum must always be
respected.
Injected current on NRST pin
± 10
Injected current on OSCIN pin
± 10
Injected current on any other pin
± 10
ΣIINJ(PIN)(4)
4.
When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the sum of the absolute
positive and negative injected currents (instantaneous values). These results are based on
characterization with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
Total injected current (sum of all I/O and control pins)
± 20
Table 16.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com