Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X23TAY Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8AP5X23TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X23TAY Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8AP5X23TAY Datasheet HTML 72Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 73Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 74Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 75Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 76Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 77Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 78Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 79Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
Electrical characteristics
STM8AF61xx, STM8AF51xx
76/100
11.3.6
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 34.
Typical NRST VIL and VIH vs VDD @ four temperatures
Table 31.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
NRST input low level voltage(1)
1.
Data based on characterization results, not tested in production.
VSS
TBD(2)
V
VIH(NRST)
NRST input high level voltage(1)
TBD(2)
VDD
VOL(NRST)
NRST output low level voltage(1)
IOL=TBD
(2) mA
2.
TBD = To be determined.
TBD(2)
RPU(NRST) NRST pull-up resistor(3)
3.
The RPU pull-up equivalent resistor is based on a resistive transistor
30
40
60
k
Ω
VF(NRST)
NRST input filtered pulse(4)
4.
Data guaranteed by design, not tested in production.
TBD(2)
ns
VNF(NRST)
NRST input not filtered pulse(4)
TBD(2)
µs
0
1
2
3
4
5
6
2.5
3
3.5
4
4.5
5
5.5
6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com