Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X23TAY Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8AP5X23TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X23TAY Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8AP5X23TAY Datasheet HTML 43Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 44Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 45Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 46Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 47Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 48Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 49Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 50Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
STM8AF61xx, STM8AF51xx
Register mapping
47/100
Table 11.
CPU/SWIM/debug module/interrupt controller registers
Address
Block
Register label
Register name
Reset
status
00 7F00h
CPU
A
Accumulator
00h
00 7F01h
PCE
Program counter extended
00h
00 7F02h
PCH
Program counter high
60h
00 7F03h
PCL
Program counter low
00h
00 7F04h
XH
X index register high
00h
00 7F05h
XL
X index register low
00h
00 7F06h
YH
Y index register high
00h
00 7F07h
YL
Y index register low
00h
00 7F08h
SPH
Stack pointer high
17h
00 7F09h
SPL
Stack pointer low
FFh
00 7F0Ah
CCR
Condition code register
28h
00 7F0Bh to
00 7F5Fh
Reserved area (85 bytes)
00 7F60h
CFG
CFG_GCR
Global configuration register
00h
00 7F70h
ITC
ITC_SPR1
Interrupt software priority register 1
FFh
00 7F71h
ITC_SPR2
Interrupt software priority register 2
FFh
00 7F72h
ITC_SPR3
Interrupt software priority register 3
FFh
00 7F73h
ITC_SPR4
Interrupt software priority register 4
FFh
00 7F74h
ITC_SPR5
Interrupt software priority register 5
FFh
00 7F75h
ITC_SPR6
Interrupt software priority register 6
FFh
00 7F76h
ITC_SPR7
Interrupt software priority register 7
FFh
00 7F77h
to
00 7F79h
Reserved area (3 bytes)
00 7F80h
SWIM
SWIM_CSR
SWIM control status register
00h
00 7F81h
to
00 7F8Fh
Reserved area (15 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com