Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X23TAY Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM8AP5X23TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X23TAY Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM8AP5X23TAY Datasheet HTML 42Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 43Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 44Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 45Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 46Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 47Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 48Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 49Page - STMicroelectronics STM8AP5X23TAY Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
Register mapping
STM8AF61xx, STM8AF51xx
46/100
00 5438h to
00 57FFh
Reserved area (968 bytes)
5800h
TMU
TU_KEYS_REG0
TMU key register 0 [7:0]
00h
5801h
TU_KEYS_REG1
TMU key register 1 [7:0]
00h
5802h
TU_KEYS_REG2
TMU key register 2 [7:0]
00h
5803h
TU_KEYS_REG3
TMU key register 3 [7:0]
00h
5804h
TU_KEYS_REG4
TMU key register 4 [7:0]
00h
5805h
TU_KEYS_REG5
TMU key register 5 [7:0]]
00h
5806h
TU_KEYS_REG6
TMU key register 6 [7:0]
00h
5807h
TU_KEYS_REG7
TMU key register 7 [7:0]
00h
5808h
TU_CTL_ST
TMU control and status register
00h
Table 10.
STM8A general hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com